Electronic Components Datasheet Search
  English  ▼

X  

PT2215 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT2215
Description  Infrared Remote Control Transmitter IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2215 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT2215 Datasheet HTML 2Page - Princeton Technology Corp PT2215 Datasheet HTML 3Page - Princeton Technology Corp PT2215 Datasheet HTML 4Page - Princeton Technology Corp PT2215 Datasheet HTML 5Page - Princeton Technology Corp PT2215 Datasheet HTML 6Page - Princeton Technology Corp PT2215 Datasheet HTML 7Page - Princeton Technology Corp PT2215 Datasheet HTML 8Page - Princeton Technology Corp PT2215 Datasheet HTML 9Page - Princeton Technology Corp PT2215 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2215 V1.1
- 6 -
April, 2006
Infrared Remote Control Transmitter IC
PT2215
TIMING GENERATOR
The timing generator diagram is shown in the figure below. The oscillation frequency value is 432KHz
or 4MHz. The timing generator is terminated when no key is activated, however, it commences when a
key is pressed.
As you can see from the diagram above, the CLK1 (Oscillator Output) is divided by either 111 (for
4MHz) or by 12 (for 432KHz) depending on your mask option. CLK2 is used to control timer clocking.
The frequency of CLK2 is 36KHz and its inverse is used to generate the output pulses in the subcarrier
frequnecy. The duty factor may either be 25% or 33% depending on the mask option.
The control timer provides the timing of the key scanning, ROM access and Code transmission. The
length of the control timer is 4,096 subcarrier (pulse) periods which is equivalent to the transmission
repetition time. One bit time is equal to 64 pulse while on repetition time has 64 bit times. When the
control timer has arrived at a certain state and no key has been pressed, a stop signal is generated
which will terminate the oscillator. All drives will then be set to “LOW”. Pressing a key will set one of the
sense lines to “0” and this will generate a start signal which will restart the oscillator.
PULSE OUTPUT
The remote control word bits (as indicated by the addressed ROM locations) are stored into a shift
register every bit-time this register is shifted. The output is used to generate either “0” or “1” in the
biphase (Manchester) coding modulated with a 36KHz frequency. The duty factor of the modulation
pulses may be optionally selected to be either 25% or 33.3%. The pulse generator output controls the
output driver that provides the maximum current of 45mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com