Electronic Components Datasheet Search
  English  ▼

X  

PT2215 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2215
Description  Infrared Remote Control Transmitter IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2215 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2215 Datasheet HTML 1Page - Princeton Technology Corp PT2215 Datasheet HTML 2Page - Princeton Technology Corp PT2215 Datasheet HTML 3Page - Princeton Technology Corp PT2215 Datasheet HTML 4Page - Princeton Technology Corp PT2215 Datasheet HTML 5Page - Princeton Technology Corp PT2215 Datasheet HTML 6Page - Princeton Technology Corp PT2215 Datasheet HTML 7Page - Princeton Technology Corp PT2215 Datasheet HTML 8Page - Princeton Technology Corp PT2215 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2215 V1.1
- 1 -
April, 2006
Infrared Remote Control Transmitter IC
PT2215
DESCRIPTION
PT2215 is a remote control transmitter utilizing CMOS Technology specially designed for RC5 infrared
remote control applications. Although PT2215 does not contain a software programming processor, it
however has a ROM which can store the codes that have been transmitted. PT2215 provides an option
for a single or multi system transmitter. A single system has up to a maximum of 8 different systems per
chip whereby selection is via jumper wire or switch. The multi system option provides a maximum of 8
systems via key selection. Pin assignments and application circuit are optimized for easy PCB layout
and cost saving advantages.
FEATURES
• CMOS technology
• RC5 protocol
• Maximum of 56 keys
• Multi-system or single system transmitter option
• Power down and key wake up functions
• High output current (< 45mA)
• Oscillation frequency: 432KHz or 4MHz
• Multiple key protection
• 25% or 33% duty factor option
• Available in 20 pins, SOP package
APPLICATIONS
• Air conditioner
• Television
• VCR
• Audio equipment
• Multi-media system


Similar Part No. - PT2215

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT22151 DATATRONICS-PT22151 Datasheet
92Kb / 1P
Low Cost Common Mode EMI Suppression Inductors (open type)
PT22152 DATATRONICS-PT22152 Datasheet
92Kb / 1P
Low Cost Common Mode EMI Suppression Inductors (open type)
PT22153 DATATRONICS-PT22153 Datasheet
92Kb / 1P
Low Cost Common Mode EMI Suppression Inductors (open type)
PT22154 DATATRONICS-PT22154 Datasheet
92Kb / 1P
Low Cost Common Mode EMI Suppression Inductors (open type)
PT22155 DATATRONICS-PT22155 Datasheet
92Kb / 1P
Low Cost Common Mode EMI Suppression Inductors (open type)
More results

Similar Description - PT2215

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2266 PTC-PT2266 Datasheet
33Kb / 3P
Infrared Remote Control Transmitter IC
logo
Sanyo Semicon Device
LC7461M SANYO-LC7461M Datasheet
107Kb / 7P
Infrared Remote Control Transmitter IC
LC7463M SANYO-LC7463M Datasheet
144Kb / 7P
Infrared Remote Control Transmitter IC
LC7464M SANYO-LC7464M Datasheet
155Kb / 7P
Infrared Remote Control Transmitter IC
LC7465M SANYO-LC7465M Datasheet
187Kb / 8P
Infrared Remote Control Transmitter IC
logo
List of Unclassifed Man...
SAA1250 ETC-SAA1250 Datasheet
1,023Kb / 9P
Infrared Remote-Control Transmitter IC
logo
SHANGHAI BELLING CO., L...
BL0507 BELLING-BL0507 Datasheet
91Kb / 9P
Infrared Remote Control Transmitter IC
BL0508A1 BELLING-BL0508A1 Datasheet
60Kb / 1P
Infrared Remote Control Transmitter IC
logo
SHENZHEN FUMAN ELECTRON...
SC6122-00FF FUMAN-SC6122-00FF Datasheet
343Kb / 5P
Infrared remote control transmitter IC
TC6221 FUMAN-TC6221 Datasheet
526Kb / 10P
Infrared remote control transmitter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com