Electronic Components Datasheet Search
  English  ▼

X  

PT2249AL Datasheet(PDF) 19 Page - Princeton Technology Corp

Part # PT2249AL
Description  Remote Control Receiver IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2249AL Datasheet(HTML) 19 Page - Princeton Technology Corp

Back Button PT2249AL Datasheet HTML 15Page - Princeton Technology Corp PT2249AL Datasheet HTML 16Page - Princeton Technology Corp PT2249AL Datasheet HTML 17Page - Princeton Technology Corp PT2249AL Datasheet HTML 18Page - Princeton Technology Corp PT2249AL Datasheet HTML 19Page - Princeton Technology Corp PT2249AL Datasheet HTML 20Page - Princeton Technology Corp PT2249AL Datasheet HTML 21Page - Princeton Technology Corp PT2249AL Datasheet HTML 22Page - Princeton Technology Corp PT2249AL Datasheet HTML 23Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2249A_PT2250A V2.6
- 19 -
May, 2007
Remote Control Receiver IC
PT2249A_PT2250A
Symbol
Min.
Typ.
Max.
A
1.35
-
1.75
A1
0.10
-
0.25
A2
1.25
-
1.65
b
0.31
-
0.51
b1
0.28
-
0.48
c
0.17
-
0.25
c1
0.17
-
0.23
D
9.90 BSC.
E
6.00 BSC.
E1
3.90 BSC.
e
1.27 BSC.
L
0.40
-
1.27
L1
1.04 REF.
L2
0.25 BSC.
R
0.07
-
-
R1
0.07
-
h
0.25
-
0.50
θ
0°
-
8°
θ1
5°
-
15°
θ2
0°
-
-
Notes:
1. Dimensioning and tolerancing per ANSI Y 14.5M-1994
2. Controlling Dimension: MILLIMETERS.
3. Dimension D does not include mold flash protrusions or gate burrs. Mold flash, protrusions or gate
burrs shall not exceed 0.15 mm (0.006 in) per end. Dimension E1 does not include interlead flash or
protrusion. Interlead flash or protrusion shall not exceed 0.25mm per side. D and E1 dimensions are
determined at datum H.
4. The package top may be smaller than the package bottom. Dimensions D and E1 are determined at
the outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and
interlead flash, but including any mismatch between the top and bottom of the plastic body.
5. Datums A & B to be determined at datum H.
6. N is the number of terminal positions. (N=16)
7. The dimensions apply to the flat section of the lead between 0.10 to 0.25mm from the lead tip.
8. Dimension “b” does not include dambar protrusion. Allowable dambar protrusion shall be 0.10mm
total in excess of the “b” dimension at maximum material condition. The dambar cannot be located
on the lower radius of the foot.
9. This chamfer feature is optional. If it is not present, then a pin 1 identifier must be located within the
index area indicated.
10. Refer to JEDEC MS-012, Variation AC.
JEDEC is the registered trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com