Electronic Components Datasheet Search
  English  ▼

X  

PT2249AL Datasheet(PDF) 23 Page - Princeton Technology Corp

Part # PT2249AL
Description  Remote Control Receiver IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2249AL Datasheet(HTML) 23 Page - Princeton Technology Corp

Back Button PT2249AL Datasheet HTML 15Page - Princeton Technology Corp PT2249AL Datasheet HTML 16Page - Princeton Technology Corp PT2249AL Datasheet HTML 17Page - Princeton Technology Corp PT2249AL Datasheet HTML 18Page - Princeton Technology Corp PT2249AL Datasheet HTML 19Page - Princeton Technology Corp PT2249AL Datasheet HTML 20Page - Princeton Technology Corp PT2249AL Datasheet HTML 21Page - Princeton Technology Corp PT2249AL Datasheet HTML 22Page - Princeton Technology Corp PT2249AL Datasheet HTML 23Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2249A_PT2250A V2.6
- 23 -
May, 2007
Remote Control Receiver IC
PT2249A_PT2250A
Notes:
1. Controlling Dimensions: INCH
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension A, A1 and L are measured with the package seated in JEDEC Seating Plane Gauge
GS-3
4. D and E1 dimensions, for ceramic packages, include allowance for glass overrun and meniscus and
lid to base mismatch.
5. D and E1 dimensions for plastic packages, do not include mold, flash to protrusions. Mold flash or
protrusions shall not exceed 0.010 inch (0.25mm)
6. E and eA measured with the leads constrained to be perpendicular to plane T.
7. eB and eC are measured at the lead tips with the leads unconstrained. eC must be zero or greater.
8. N is the maximum number of terminal positions. (N=24).
9. Refer to JEDEC MS-011 Variation AA.
JEDEC is the registered trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com