Electronic Components Datasheet Search
  English  ▼

X  

PT2249AL Datasheet(PDF) 12 Page - Princeton Technology Corp

Part # PT2249AL
Description  Remote Control Receiver IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2249AL Datasheet(HTML) 12 Page - Princeton Technology Corp

Back Button PT2249AL Datasheet HTML 8Page - Princeton Technology Corp PT2249AL Datasheet HTML 9Page - Princeton Technology Corp PT2249AL Datasheet HTML 10Page - Princeton Technology Corp PT2249AL Datasheet HTML 11Page - Princeton Technology Corp PT2249AL Datasheet HTML 12Page - Princeton Technology Corp PT2249AL Datasheet HTML 13Page - Princeton Technology Corp PT2249AL Datasheet HTML 14Page - Princeton Technology Corp PT2249AL Datasheet HTML 15Page - Princeton Technology Corp PT2249AL Datasheet HTML 16Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2249A_PT2250A V2.6
- 12 -
May, 2007
Remote Control Receiver IC
PT2249A_PT2250A
ABSOLUTE MAXIMUM RATING
(Ta=25℃)
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
5.5
V
Input/Output voltage
VIN
Vss-0.5 to Vcc+0.5
V
Power dissipation
Pd
200
mW
Operating temperature
Topr
-40 ~ +85
℃
Storage temperature
Tstg
-65 ~ +150
℃
Note: Exceeding the maximum rating may cause permanent damage to devices.
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, VCC=5V and Ta=25 ℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Operating supply voltage
Vcc
All Function
Operations
2.3
-
5.0
V
Operating supply current
Icc
Key on without Load
-
-
1.0
mA
Oscillation frequency
fosc
Vcc=5 V
25
34
41
KHz
“H” level
IOH
Vo=4V
-1.0
-
-
mA
Output
Current
“L” level
IOL
Vo=1 V
1.0
-
-
mA
Pull-up resistor
Rup
150
300
450
KΩ
Input current
IIH
VI=5V
-1.0
-
1.0
µA
Input circuit
threshold
voltage
VI
2.0
2.5
3.0
V
RXIN
Input
hysterestic
voltage
VHIS
-
0.6
-
V
PT2249/50A
-
-
200
PT2249AL
-
-
300
Stand-by
current
PT2249AHN
ISB
RXIN=0V
OSC=5V
(All Outputs floating)
-
-
300
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com