Electronic Components Datasheet Search
  English  ▼

X  

PT6311 Datasheet(PDF) 21 Page - Princeton Technology Corp

Part # PT6311
Description  VFD Driver/Controller IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6311 Datasheet(HTML) 21 Page - Princeton Technology Corp

Back Button PT6311 Datasheet HTML 14Page - Princeton Technology Corp PT6311 Datasheet HTML 15Page - Princeton Technology Corp PT6311 Datasheet HTML 16Page - Princeton Technology Corp PT6311 Datasheet HTML 17Page - Princeton Technology Corp PT6311 Datasheet HTML 18Page - Princeton Technology Corp PT6311 Datasheet HTML 19Page - Princeton Technology Corp PT6311 Datasheet HTML 20Page - Princeton Technology Corp PT6311 Datasheet HTML 21Page - Princeton Technology Corp PT6311 Datasheet HTML 22Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
PT6311
V3.2
November 2009
21
52 PINS, LQFP
Symbol
Dimensions (MM)
Min.
Nom.
Max.
A
-
-
1.60
A1
0.05
-
0.15
A2
1.35
1.40
1.45
b
0.35
-
0.50
c
0.09
-
0.20
D
16.00 BSC
D1
14.00 BSC
E
16.00 BSC
E1
14.00 BSC
e
1.00 BSC
θ
0°
3.5°
7°
L
0.70
0.85
1.00
L1
1.30 REF
Note: Refer to JEDEC MS-026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com