Electronic Components Datasheet Search
  English  ▼

X  

PT6311 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT6311
Description  VFD Driver/Controller IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6311 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT6311 Datasheet HTML 1Page - Princeton Technology Corp PT6311 Datasheet HTML 2Page - Princeton Technology Corp PT6311 Datasheet HTML 3Page - Princeton Technology Corp PT6311 Datasheet HTML 4Page - Princeton Technology Corp PT6311 Datasheet HTML 5Page - Princeton Technology Corp PT6311 Datasheet HTML 6Page - Princeton Technology Corp PT6311 Datasheet HTML 7Page - Princeton Technology Corp PT6311 Datasheet HTML 8Page - Princeton Technology Corp PT6311 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
PT6311
VFD Driver/Controller IC
Tel: 886-66296288
‧Fax: 886-29174598‧ http://www.princeton.com.tw‧2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
DESCRIPTION
PT6311 is a Vacuum Fluorescent Display (VFD)
Controller driven on a 1/8 to 1/16 duty factor housed in
52-pin plastic QFP Package. Twelve segment output
lines, 8 grid output lines, 8 segment/grid output drive
lines, one display memory, control circuit, key scan
circuit are all incorporated into a single chip to build a
highly reliable peripheral device for a single chip micro
computer. Serial data is fed to PT6311 via a three-line
serial interface.
APPLICATIONS
• Microcomputer Peripheral Devices
FEATURES
• CMOS Technology
• Low Power Consumption
• Key Scanning (12 x 4 matrix)
• Multiple Display Modes: (12 segments, 16 digits to
20 segments, 8 digits)
• 8-Step Dimming Circuitry
• LED Ports Provide (5 channels, 20mA max.)
• 4- Bits General Purpose Input Ports Provided
• Serial Interface for Clock, Data Input, Data Output,
Strobe Pins
• No External Resistors Needed for Driver Outputs
• Available in 52pins QFP and LQFP
BLOCK DIAGRAM
DIN
DOUT
CLK
STB
VDD
OSC
SW1
SW2
SW3
SW4
LE D1
LED2
LED3
LE D4
LE D5
Serial
Data
Interface
General
Input
Register
LED
Driver
Control
Display Memory
Ti ming Generator
Key Matrix Memory
K1 K2 K3 K4
VDD
GND
VE E
Dimming Circuit
Segment Driver /
Grid Driver /
Key Scan Output
Grid
Driver
SG1/KS1
SG2/KS2
SG3/KS3
SG4/KS4
SG5/KS5
SG6/KS6
SG7/KS7
SG8/KS8
SG9/KS9
SG10/KS 10
SG11/KS11
SG12/KS 12
SG13/GR16
SG14/GR15
SG15/GR14
SG16/GR13
SG17/GR12
SG18/GR11
SG19/GR10
SG20/GR9
GR1
GR2
GR3
GR4
GR5
GR6
GR7
GR8
OSC


Similar Part No. - PT6311

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6311 PTC-PT6311 Datasheet
116Kb / 3P
VFD Driver/Controller IC
logo
Texas Instruments
PT6311 TI-PT6311 Datasheet
373Kb / 2P
2 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
logo
Princeton Technology Co...
PT6311B PTC-PT6311B Datasheet
594Kb / 18P
VFD Driver/Controller IC
V1.1
PT6311B-LQ PTC-PT6311B-LQ Datasheet
594Kb / 18P
VFD Driver/Controller IC
V1.1
logo
Texas Instruments
PT6311N TI1-PT6311N Datasheet
386Kb / 3P
2 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT6311

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6311 PTC-PT6311 Datasheet
116Kb / 3P
VFD Driver/Controller IC
PT6351 PTC-PT6351 Datasheet
53Kb / 3P
VFD Driver/Controller IC
PT6355 PTC-PT6355 Datasheet
57Kb / 3P
VFD Driver/Controller IC
PT6313-S PTC-PT6313-S Datasheet
314Kb / 20P
VFD Driver/Controller IC
PT6318 PTC-PT6318 Datasheet
625Kb / 4P
VFD Driver/Controller IC
PT6324 PTC-PT6324 Datasheet
347Kb / 4P
VFD Driver/Controller IC
PT6312 PTC-PT6312_10 Datasheet
323Kb / 21P
VFD Driver/Controller IC
PT6324 PTC-PT6324_10 Datasheet
563Kb / 16P
VFD Driver/Controller IC
PT6332 PTC-PT6332 Datasheet
542Kb / 37P
VFD Driver/Controller IC
PT6312B PTC-PT6312B Datasheet
323Kb / 21P
VFD Driver/Controller IC
V1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com