Electronic Components Datasheet Search
  English  ▼

X  

PT6311 Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # PT6311
Description  VFD Driver/Controller IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6311 Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button PT6311 Datasheet HTML 7Page - Princeton Technology Corp PT6311 Datasheet HTML 8Page - Princeton Technology Corp PT6311 Datasheet HTML 9Page - Princeton Technology Corp PT6311 Datasheet HTML 10Page - Princeton Technology Corp PT6311 Datasheet HTML 11Page - Princeton Technology Corp PT6311 Datasheet HTML 12Page - Princeton Technology Corp PT6311 Datasheet HTML 13Page - Princeton Technology Corp PT6311 Datasheet HTML 14Page - Princeton Technology Corp PT6311 Datasheet HTML 15Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
PT6311
V3.2
November 2009
11
LED DISPLAY
PT6311 provides 5 LED Display Terminals, namely LED1 to LED5. Data is written to the LED Port starting from the least
significant bit (b0) of the port using a WRITE Command. Each bit starting from the least significant (b0) activates a
specific LED Display Terminal -- b0 corresponds LED1 Display, b1 activates LED2 and so forth. Since there are only 5
LED display terminals, bits 6 to 8 (b5 ~ b7) are not used and therefore ignored. This means that b5 to b7 does NOT in
anyway activate any LED Display, they are totally ignored.
When a bit (b0 ~ b4) in the LED Port is “0”, the corresponding LED is ON. Conversely, when the bit is “1”, the LED
Display is turned OFF. For example, Bit 1 (as designated by b0) has the value of “0”, then this means that LED1 is ON.
It must be noted that when power is turned ON, bit 5 to bit 1 (b4 to b0) are given the value of “1”. Please refer to the
diagrams below:
MSB
LSB
-
-
-
-
b3
b2
b1
b0
Not Used
SWITCH DATA
PT6311 provides 4 Switch Inputs, namely: SW1 to SW4. SW Data is read starting from the least significant bit (b0) using
a READ Command. Each bit starting from the least significant (b0) corresponds to a specific Switch Input -- b0
corresponds SW1, b1 to SW2 and so forth. Since there are only 4 Switch Inputs, Bits 5 to 8 (b4 to 7) are given the value
of “0”. Please refer to the diagram below.
MSB
LSB
0
0
0
0
b3
b2
b1
b0
LED1
LED2
LED3
LED4
LED5
SW1
SW2
SW3
SW4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com