Electronic Components Datasheet Search
  English  ▼

X  

PT6314 Datasheet(PDF) 21 Page - Princeton Technology Corp

Part # PT6314
Description  Dot Character VFD Controller/Driver IC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6314 Datasheet(HTML) 21 Page - Princeton Technology Corp

Back Button PT6314 Datasheet HTML 17Page - Princeton Technology Corp PT6314 Datasheet HTML 18Page - Princeton Technology Corp PT6314 Datasheet HTML 19Page - Princeton Technology Corp PT6314 Datasheet HTML 20Page - Princeton Technology Corp PT6314 Datasheet HTML 21Page - Princeton Technology Corp PT6314 Datasheet HTML 22Page - Princeton Technology Corp PT6314 Datasheet HTML 23Page - Princeton Technology Corp PT6314 Datasheet HTML 24Page - Princeton Technology Corp PT6314 Datasheet HTML 25Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
PT6314
V1.5
21
October 2009
5.8.2 i80 TYPE PARALLEL DATA TRANSFER
The i80 type of parallel data transfer mode is selected when IFSEL is set to “1”and MCU is set to “0”. A type of pipeline
process is performed between LSIs via the bus holder attached to the internal data bus whenever data is sent from the
MCU. It is important to take note that certain restrictions exists in the read sequence of this display data RAM. The data
of the specified address is not generated by the read instructions issued immediately after the address setup. This data
is generated in the when the data is read the second time. Thus, a dummy read is required whenever the address setup
or write cycle operation is selected. Please refer to the diagrams below.
WRITING
READING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com