Electronic Components Datasheet Search
  English  ▼

X  

PT6314 Datasheet(PDF) 34 Page - Princeton Technology Corp

Part # PT6314
Description  Dot Character VFD Controller/Driver IC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6314 Datasheet(HTML) 34 Page - Princeton Technology Corp

Back Button PT6314 Datasheet HTML 30Page - Princeton Technology Corp PT6314 Datasheet HTML 31Page - Princeton Technology Corp PT6314 Datasheet HTML 32Page - Princeton Technology Corp PT6314 Datasheet HTML 33Page - Princeton Technology Corp PT6314 Datasheet HTML 34Page - Princeton Technology Corp PT6314 Datasheet HTML 35Page - Princeton Technology Corp PT6314 Datasheet HTML 36Page - Princeton Technology Corp PT6314 Datasheet HTML 37Page - Princeton Technology Corp PT6314 Datasheet HTML 38Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
PT6314
V1.5
34
October 2009
11.2 TIMING 2 REQUIREMENTS
(Unless otherwise specified, Ta=-40 To +85℃);i80 Interface Parallel Data Transfer: Write (VDD1=5.0
±10%)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
RS hold time
tRH8
10
-
-
ns
RS setup time
tRS8
10
-
-
ns
System cycle time
tCYC8
168
-
-
ns
Control “L” pulse width (WR)
tCCLW
/WR
30
-
-
ns
Control “L” pulse width (RD)
tCCLR
/RD
70
-
-
ns
Control “H” pulse width (RD)
tCCHW
/WR
100
-
-
ns
Control “H” pulse width (RD)
tCCHR
/RD
70
-
-
ns
Data setup time
tDS8
D0 to D7
55
-
-
ns
Data hold time
tDH8
Do to D7
55
-
-
ns
RD access time
tACC8
Do to D7, CL=100pF
-
-
70
ns
Output disable time
tOH8
Do to D7, CL=100pF
5
-
-
ns
Reset pulse width
tWRE
500
-
-
ns
11.2.1 PARALLEL I/F (i80)
Notes:
1. Input signal rise time and fall time (tF, tR) < 15ns
2. All timing is specified using 0.20VDD1 and 0.80VDD1 as reference.
3. tCCLW and tCCLR are specified as the overlap between /CS=”L” /WR and /RD=”L”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com