Electronic Components Datasheet Search
  English  ▼

X  

PT6314 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT6314
Description  Dot Character VFD Controller/Driver IC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6314 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT6314 Datasheet HTML 2Page - Princeton Technology Corp PT6314 Datasheet HTML 3Page - Princeton Technology Corp PT6314 Datasheet HTML 4Page - Princeton Technology Corp PT6314 Datasheet HTML 5Page - Princeton Technology Corp PT6314 Datasheet HTML 6Page - Princeton Technology Corp PT6314 Datasheet HTML 7Page - Princeton Technology Corp PT6314 Datasheet HTML 8Page - Princeton Technology Corp PT6314 Datasheet HTML 9Page - Princeton Technology Corp PT6314 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
PT6314
V1.5
6
October 2009
4. PIN DESCRIPTION
Pin Name
I/O
Description
Pin No.
VDD2
-
VFD Driving Power Supply Pin
1, 36
VSS2
-
VFD Driving Power Supply Pin
2, 35
VDD1
-
Logic Power Supply Pin
3
CLK
O
Oscillation Signal Output Pin
4
OSC2
O
Oscillation Output Pin
5
OSC1
I
Oscillation Input Pin
6
/RESET
I
Reset Pin
When this pin is set to “0”, all internal registers and commands are initialized. The Segment
and Grid Outputs are fixed to VDD.
7
TEST
I
Test Pin
0 or floating : the Normal Operation Mode
1:the Test Mode is active
8
DLS
I
Display Line Select Pin
This pin is used to select the number of display lines when the Power is ON, Reset or
Resetting.
0: 1 line is selected (N=”0”)* 1: 2 lines are selected (N=”1”)*
9
DS1, DS0
I
Duty Select Pin
These pins set the duty ratio. The duty ratio is determined by the number of Grid.
10, 11
R/W(/WR)
I
Read/Write (Write) Signal Pin
Under the M68 Parallel Data Transfer Mode (R/W), this pin functions as the Data Transfer
Select Pin.
0: Write Function
1: Read Function
Under the i80 parallel data Transfer Mode (/WR), thispin is Write Enable Pin. It writes data at
the rising edge of this signal.
Under the Serial Transfer Mode, the Read or Write function is selected by instruction and this
pin is connect to either “H” or “L”.
12
RS/STB
I
Register Select/Strobe Pin
Under the Parallel Transfer Mode is selected, this pin acts as the Register Select Pin.
0: Instruction Register (IR)
1: Data register (DR)
Under Serial Data Transfer Mode, this pin acts as the Strobe Input Pin.
13
E(/RD)/SCK
I
Enable (Read)/Shift Clock
Under the M68 Parallel Data Transfer Mode (E), this pin functions as the Write Enable Pin.
Data is written at the falling edge.
Under the i80 Parallel Data Transfer Mode (/RD), this pin functions as the Read Enable Pin.
When this pin is set to “LOW”, data is outputted to the Data Bus.
Under the Serial Data Transfer Mode, this pin functions as the Shift Clock Input Pin. Data is
written at the rising edge.
14
SI/SO
I/O
Serial Input/Output Pin
Under the Serial Data Transfer Mode, this pin functions as an I/O Pin.
Under the Parallel Data Transfer Mode, this pin may be connected to either “H” or “L”
15
DB0 to DB7
I/O
Parallel Data Input/Output Pins
Under the Parallel Data Transfer Mode, these pins are used as I/O Pin.
Under the 4-bit Transfer Mode, DB4 to DB7 are used.
16-23
IFSEL
I
I/F Select Pin
This pin is used to select the I/F mode: Serial or Parallel Transfer
0: Serial Data Transfer
1: Parallel Data Transfer
24
MCU
I
Interface Select Pin
This pin is used to select the interface mode: i80 or M68.
0: i80 CPU Mode
1: M68 CPU Mode
25
/CS
I
Chip Select Pin
When this pin is set to “L” the PT6314 is active.
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com