Electronic Components Datasheet Search
  English  ▼

X  

PT6530 Datasheet(PDF) 34 Page - Princeton Technology Corp

Part # PT6530
Description  LCD Driver IC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6530 Datasheet(HTML) 34 Page - Princeton Technology Corp

Back Button PT6530 Datasheet HTML 30Page - Princeton Technology Corp PT6530 Datasheet HTML 31Page - Princeton Technology Corp PT6530 Datasheet HTML 32Page - Princeton Technology Corp PT6530 Datasheet HTML 33Page - Princeton Technology Corp PT6530 Datasheet HTML 34Page - Princeton Technology Corp PT6530 Datasheet HTML 35Page - Princeton Technology Corp PT6530 Datasheet HTML 36Page - Princeton Technology Corp PT6530 Datasheet HTML 37Page - Princeton Technology Corp PT6530 Datasheet HTML 38Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
PT6530
V1.3
34
June 2010
6.15.3 OUTPUT PIN STATES DURING THE RESET PERIOD
Output Pin
State During Reset
S1/P1 to S8/P8
L (Note 2)
S9 to S73
L
COM1 to COM3
L
COM4/S74
L (Note 3)
KS1/S75. KS2/S76
L (Note 2)
KS3 to KS5
X (Note 4)
KS6
H
DO
H (Note 5)
Notes:
1. X = Don’t care
2. These output pins are forcibly set to the segment output function and held low.
3. When power is first applied, this output pin is forcibly set to the common output function and held low. However, when the DT control data bit is
transferred, either the common output or the segment output function is selected.
4. When power is first applied, these output pins are undefined until the S0 and S1 control data bits have been transferred.
5. Since this output pin is an open-drain output, a pull-up resistor of between 1 and 10KΩ is required. This pin remains high during the reset period
even if a key data read operation is performed.
6.16 NOTE ON TRANSFERRING DISPLAY DATA FROM THE
CONTROLLER
When using the PT6530 in 1/3 duty, applications transfer the display data (D1 to D228) in three operations, and in 1/4
duty, they transfer the display data (D1 to D300) in four operations. In either case, applications should transfer all of the
display data within 30ms to maintain the quality of the displayed image.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com