Electronic Components Datasheet Search
  English  ▼

X  

PT6530 Datasheet(PDF) 39 Page - Princeton Technology Corp

Part # PT6530
Description  LCD Driver IC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6530 Datasheet(HTML) 39 Page - Princeton Technology Corp

Back Button PT6530 Datasheet HTML 34Page - Princeton Technology Corp PT6530 Datasheet HTML 35Page - Princeton Technology Corp PT6530 Datasheet HTML 36Page - Princeton Technology Corp PT6530 Datasheet HTML 37Page - Princeton Technology Corp PT6530 Datasheet HTML 38Page - Princeton Technology Corp PT6530 Datasheet HTML 39Page - Princeton Technology Corp PT6530 Datasheet HTML 40Page - Princeton Technology Corp PT6530 Datasheet HTML 41Page - Princeton Technology Corp PT6530 Datasheet HTML 42Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
PT6530
V1.3
39
June 2010
9. ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Hysteresis
VH
CE, CL, DI, /RES
(KI1 to KI5)
0.1VDD
(0.1VLCD)
V
Power-down Detection
Voltage
VDET
1.8
2.2
2.6
V
Input High level Current
IIH
CE, CL, DI, /RES: VI=VDD
5.0
µA
Input Low Level
Current
IIL
CE, CL, DI, /RES: VI=0V
-5.0
µA
Input Floating Voltage
VIF
KI1 to KI5
0.05VLCD
V
Pull-down Resistance
RPD
KI1 to KI5: VLCD=5.0V
50
100
250
KΩ
Output Off Leakage
Current
IOFFH
DO: VO=6.0V
6.0
µA
Output High Level
Voltage
VOH1
KS1 to KS6: IO=-500µA
VLCD-1.0
VLCD-0.5
VLCD-0.2
V
VOH2
P1 to P8: IO=-1mA
VLCD-1.0
VOH3
S1 to S76: IO=-20µA
VLCD-1.0
VOH4
COM1 to COM4: IO=-100µA
VLCD-1.0
Output Low Level
Voltage
VOL1
KS1 to KS6: IO=25µA
0.2
0.5
1.5
V
VOL2
P1 to P8: IO=1mA
1.0
VOL3
S1 to S76: IO=20µA
1.0
VOL4
COM1 to COM4: IO=100µA
1.0
VOL5
DO: IO=1mA
0.1
0.5
Output Middle Level
Voltage (see note)
VMID1
COM1 to COM4: 1/2 bias,
IO=±100µA
1/2VLCD-1.0
1/2VLCD+1.0
V
VMID2
S1 to S76: 1/3 bias, IO=±20µA
2/3VLCD-1.0
2/3VLCD+1.0
VMID3
S1 to S76: 1/3 bias, IO=±20µA
1/3VLCD-1.0
1/3VLCD+1.0
VMID4
COM1 to COM4: 1/3 bias,
IO=±100µA
2/3VLCD-1.0
2/3VLCD+1.0
VMID5
COM1 to COM4: 1/3 bias,
IO=±100µA
1/3VLCD-1.0
1/3VLCD+1.0
Oscillator Frequency
fosc
OSC: Rosc=39KΩ, Cosc=1000pF
30.4
38
45.6
KHz
Current Drain
IDD1
VDD: Sleep mode
100
µA
IDD2
VDD: VDD=6.0V. output open,
fosc=38KHz
270
540
ILCD1
VLCD: Sleep mode
5
ILCD2
VLCD: VLCD=6.0V, output open,
1/2 bias, fosc=38KHz
200
400
ILCD3
VLCD: VLCD=6.0V, output open,
1/3 bias, fosc=38KHz
120
240
Note: Excluding the bias voltage generation divider resistor built into VLCD1 and VLCD2. (See Figure 3)
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com