Electronic Components Datasheet Search
  English  ▼

X  

PT6530 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT6530
Description  LCD Driver IC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6530 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT6530 Datasheet HTML 2Page - Princeton Technology Corp PT6530 Datasheet HTML 3Page - Princeton Technology Corp PT6530 Datasheet HTML 4Page - Princeton Technology Corp PT6530 Datasheet HTML 5Page - Princeton Technology Corp PT6530 Datasheet HTML 6Page - Princeton Technology Corp PT6530 Datasheet HTML 7Page - Princeton Technology Corp PT6530 Datasheet HTML 8Page - Princeton Technology Corp PT6530 Datasheet HTML 9Page - Princeton Technology Corp PT6530 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
PT6530
V1.3
6
June 2010
1.4 1/3 DUTY 1/3 BIAS (FOR LARGE PANEL USE)
Notes:
1. A capacitor can be connected to the power supply line to make the power supply voltage VDD rise time (when power is applied) and the power
supply voltage VDD fall time power drops) are at least 1ms when PT6530 is reset via VDET.
2. If the /RES pin is not used to initiate the System Reset Function, it must be connected VDD.
3. The DO pin is an open-drain output and therefore needs a pull-up resistor. This resistor is between 1K and 10KΩ. The value of this resistor must be
in accordance with that capacitance of the external wiring so that the signal waveforms are in proper form.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com