Electronic Components Datasheet Search
  English  ▼

X  

PT6552 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT6552
Description  쩍 Duty LCD Driver with On-Chip Key Input Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6552 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT6552 Datasheet HTML 2Page - Princeton Technology Corp PT6552 Datasheet HTML 3Page - Princeton Technology Corp PT6552 Datasheet HTML 4Page - Princeton Technology Corp PT6552 Datasheet HTML 5Page - Princeton Technology Corp PT6552 Datasheet HTML 6Page - Princeton Technology Corp PT6552 Datasheet HTML 7Page - Princeton Technology Corp PT6552 Datasheet HTML 8Page - Princeton Technology Corp PT6552 Datasheet HTML 9Page - Princeton Technology Corp PT6552 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
PT6552
V1.3
6
July 2010
CONTROL SERIAL DATA FUNCTION
1. S0, S1: SLEEP CONTROL DATA
This control data switches the LSI between normal mode and sleep mode. It also sets the key scan output standby states
for pinsKS1 to KS6.
Control Data
Mode
Oscillator
Segment outputs
Common outputs
Key scan standby mode output pin states
S0
S1
KS1
KS2
KS3
KS4
KS5
KS6
0
0
Normal
Oscillator
Operation
H
H
H
H
H
H
0
1
Sleep
Stopped
L
L
L
L
L
L
H
1
0
Sleep
Stopped
L
L
L
L
L
H
H
1
1
Sleep
Stopped
L
H
H
H
H
H
H
2.K0, K1: KEY SCAN OUTPUT/SEGMENT OUTPUT SELECTION DATA
This control data switches the KS1/SG44 and KS2/SG45 output pins between the key scan output and segment output
function.
Control data
Output pin states
Maximum number of key inputs
K0
K1
KS1/SG44
KS2/SG45
0
0
KS1
KS2
30
0
1
SG44
KS2
25
1
X
SG44
SG45
20
X: don’t care
3. P0, P1: SEGMENT OUTPUT PORT/GENERAL-PURPOSE OUTPUT PORT
SELECTION DATA
This control data switches the SG1/P1 to SG4/P4 output pins between the segment output port and the general-purpose
output port function.
Control data
Output pin states
P0
P1
SG1/P1
SG2/P2
SG3/P3
SG4/P4
0
0
SG1
SG2
SG3
SG4
0
1
P1
P2
SG3
SG4
1
0
P1
P2
P3
SG4
1
1
P1
P2
P3
P4
The table below lists the correspondence between the display data and the output pins when the general-purpose output
port function is selected.
Output pin
Corresponding display data
SG1/P1
D1
SG2/P2
D3
SG3/P3
D5
SG4/P4
D7
For example, if the output pin SG4/P4 is set for use as a general-purpose output port, the output pin SG4/P4 will output
a high level when the display data D7 is 1.
4. SC: SEGMENT ON/OFF CONTROL DATA
This control data controls the segment on/off states.
SC
Display states
0
On
1
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com