Electronic Components Datasheet Search
  English  ▼

X  

PT6552 Datasheet(PDF) 17 Page - Princeton Technology Corp

Part # PT6552
Description  쩍 Duty LCD Driver with On-Chip Key Input Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6552 Datasheet(HTML) 17 Page - Princeton Technology Corp

Back Button PT6552 Datasheet HTML 13Page - Princeton Technology Corp PT6552 Datasheet HTML 14Page - Princeton Technology Corp PT6552 Datasheet HTML 15Page - Princeton Technology Corp PT6552 Datasheet HTML 16Page - Princeton Technology Corp PT6552 Datasheet HTML 17Page - Princeton Technology Corp PT6552 Datasheet HTML 18Page - Princeton Technology Corp PT6552 Datasheet HTML 19Page - Princeton Technology Corp PT6552 Datasheet HTML 20Page - Princeton Technology Corp PT6552 Datasheet HTML 21Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
PT6552
V1.3
17
July 2010
ABSOLUTE MAXIMUM RATINGS
(VSS=0V, Ta=25 )
℃
Parameter
Symbol
Condition
Rating
Unit
Maximum supply voltage
VDD max
VDD
-0.3 ~ +7.0
V
Input voltage
VIN
OSC, CE, CLK, DI, /RES, KI1 to KI5
-0.3 to VDD+0.3
V
Output voltage
VOUT
OSC, DO, SG1 to SG45, COM1, COM2,
KS1 to KS6, P1 to P4
-0.3 to VDD+0.3
V
Output current
IOUT1
SG1 to SG45
100
μA
IOUT2
COM1, COM2, KS1 to KS6
1
mA
IOUT3
P1 to P4
5
mA
Allowable power dissipation
Pd max
Ta=85℃
200
mW
Operating temperature
Topr
-40 to +85
℃
Storage temperature
Tstg
-65 to +150
℃
ALLOWABLE OPERATING RANGES
(Ta=-40 to +85℃, VSS=0V)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply voltage
VDD
VDD
4.5
6.0
V
Input high-level voltage
VIH1
CE, CLK, DI, /RES
0.8VDD
VDD
V
VIH2
KI1 to KI5
0.6VDD
VDD
V
Input low-level voltage
VIL
CE, CLK, DI, /RES,
KI1 to KI5
0
0.2VDD
V
Recommended external resistance
ROSC
OSC
62
KΩ
Recommended external
capacitance
COSC
OSC
680
pF
Guaranteed oscillator range
fosc
OSC
25
50
100
KHz
Data setup time
tds
CLK, DI: Figure 2
160
ns
Data hold time
tdh
CLK, DI: Figure 2
160
ns
CE wait time
tcp
CE, CLK: Figure 2
160
ns
CE setup time
tcs
CE, CLK: Figure 2
160
ns
CE hold time
tch
CE, CLK: Figure 2
160
ns
High-level clock pulse width
t∅H
CLK: Figure 2
160
ns
Low-level clock pulse width
t∅L
CLK: Figure 2
160
ns
Rise time
tr
CE, CLK, DI: Figure 2
160
ns
Fall time
tf
CE, CLK, DI: Figure 2
160
ns
DO output delay time
tdc
DO, RPU=47KΩ, CL=10pF*:
Figure 2
1.5
μs
DO rise time
tdr
DO, RPU=47KΩ, CL=10pF*:
Figure 2
1.5
μs
/RES switching time
t2
Figure 1
10
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com