Electronic Components Datasheet Search
  English  ▼

X  

PT6552 Datasheet(PDF) 12 Page - Princeton Technology Corp

Part # PT6552
Description  쩍 Duty LCD Driver with On-Chip Key Input Function
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6552 Datasheet(HTML) 12 Page - Princeton Technology Corp

Back Button PT6552 Datasheet HTML 8Page - Princeton Technology Corp PT6552 Datasheet HTML 9Page - Princeton Technology Corp PT6552 Datasheet HTML 10Page - Princeton Technology Corp PT6552 Datasheet HTML 11Page - Princeton Technology Corp PT6552 Datasheet HTML 12Page - Princeton Technology Corp PT6552 Datasheet HTML 13Page - Princeton Technology Corp PT6552 Datasheet HTML 14Page - Princeton Technology Corp PT6552 Datasheet HTML 15Page - Princeton Technology Corp PT6552 Datasheet HTML 16Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
PT6552
V1.3
12
July 2010
NTERNAL BLOCK STATES DURING THE RESET PERIOD (WHEN
/RES IS LOW)
CLOCK GENERATOR
Reset is applied and the basic clock stops. However, the state of the OSC pin (the normal or sleep state) is determined
after the control data S0 and S1 has been sent.
COMMON DRIVER, SEGMENT DRIVER & LATCH
Reset is applied and the display is turned off. However, display data can be input to the LATCH.
KEY SCAN
Reset is applied and at the same time as the internal states are set to their initial states, the key scan operation is
disabled.
KEY BUFFER
Reset is applied and all the key data is set to the low level.
CCB INTERFACE, CONTROL REGISTER, SHIFT REGISTER
To allow serial data transfers, reset is not applied to these circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com