Electronic Components Datasheet Search
  English  ▼

X  

LTM4618V Datasheet(PDF) 15 Page - Linear Technology

Part # LTM4618V
Description  6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4618V Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM4618V Datasheet HTML 11Page - Linear Technology LTM4618V Datasheet HTML 12Page - Linear Technology LTM4618V Datasheet HTML 13Page - Linear Technology LTM4618V Datasheet HTML 14Page - Linear Technology LTM4618V Datasheet HTML 15Page - Linear Technology LTM4618V Datasheet HTML 16Page - Linear Technology LTM4618V Datasheet HTML 17Page - Linear Technology LTM4618V Datasheet HTML 18Page - Linear Technology LTM4618V Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTM4618
15
4618f
APPLICATIONS INFORMATION
Figure 7. Power Loss at 1.5VOUT
Figure 8. Power Loss at 3.3VOUT
LOAD CURRENT (A)
0
2.0
1.5
0.5
1.0
0
4
2
4618 F07
6
3
15
5VIN
12VIN
LOAD CURRENT (A)
0
3.0
1.5
2.0
2.5
0.5
1.0
0
4
2
4618 F08
6
3
15
12VIN
24VIN
The 1.5V and 3.3V power loss curves in Figures 7 and 8
can be used in coordination with the load current derating
curves in Figures 9 to 16 for calculating an approximate
θJA thermal resistance for the LTM4618 with various heat
sinking and air flow conditions. The power loss curves
are taken at room temperature, and are increased with
multiplicative factors according to the ambient tempera-
ture. These approximate factors are: 1 for 40°C; 1.05 for
50°C; 1.1 for 60°C; 1.15 for 70°C; 1.2 for 80°C; 1.25 for
90°C; 1.3 for 100°C; 1.35 for 110°C and 1.4 for 125°C.
The derating curves are plotted with the output current
starting at 6A and the ambient temperature at 40°C. The
output voltages are 1.5V, and 3.3V. These are chosen to
include the lower and higher output voltage ranges for
correlating the thermal resistance. Thermal models are
derived from several temperature measurements in a con-
trolled temperature chamber along with thermal modeling
analysis. The junction temperatures are monitored while
ambient temperature is increased with and without air
flow. The power loss increase with ambient temperature
change is factored into the derating curves. The junctions
are maintained at 120°C maximum while lowering output
current or power with increasing ambient temperature.
The decreased output current will decrease the internal
module loss as ambient temperature is increased. The
monitored junction temperature of 120°C minus the
ambient operating temperature specifies how much mod-
ule temperature rise can be allowed. As an example, in
Figure 11 the load current is derated to ~5A at ~85°C with
no air flow or heat sink and the power loss for the 12V to
1.5V at 5A output is about 1.7W. The 1.7W loss is calcu-
lated with the ~1.4W room temperature loss from the 12V
to 1.5V power loss curve at 5A, and the 1.2 multiplying
factor at 85°C ambient. If the 85°C ambient temperature
is subtracted from the 115°C junction temperature, then
the difference of 30°C divided 1.7W equals a 17°C/W
θJA
thermal resistance. Table 2 specifies a 16°C/W value which
is very close. Table 2 and Table 3 provide equivalent thermal
resistances for 1.5V and 3.3V outputs with and without air
flow and heat sinking. The derived thermal resistances in
Tables 2 and 3 for the various conditions can be multiplied
by the calculated power loss as a function of ambient
temperature to derive temperature rise above ambient,
thus maximum junction temperature. Room temperature
power loss can be derived from the efficiency curves
in the Typical Performance Characteristics section and
adjusted with the above ambient temperature multiplica-
tive factors. The printed circuit board is a 1.6mm thick
four layer board with two ounce copper for the two outer
layers and one ounce copper for the two inner layers. The
PCB dimensions are 95mm
× 76mm. The BGA heat sink
is listed in Table 3.
Safety Considerations
The LTM4618 modules do not provide isolation from VIN to
VOUT. There is no internal fuse. If required, a slow blow fuse
with a rating twice the maximum input current needs to be
provided to protect each unit from catastrophic failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com