Electronic Components Datasheet Search
  English  ▼

X  

LTM4618V Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4618V
Description  6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4618V Datasheet(HTML) 5 Page - Linear Technology

  LTM4618V Datasheet HTML 1Page - Linear Technology LTM4618V Datasheet HTML 2Page - Linear Technology LTM4618V Datasheet HTML 3Page - Linear Technology LTM4618V Datasheet HTML 4Page - Linear Technology LTM4618V Datasheet HTML 5Page - Linear Technology LTM4618V Datasheet HTML 6Page - Linear Technology LTM4618V Datasheet HTML 7Page - Linear Technology LTM4618V Datasheet HTML 8Page - Linear Technology LTM4618V Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTM4618
5
4618f
TYPICAL PERFORMANCE CHARACTERISTICS
2.5V Transient Response
3.3V Transient Response
5V Transient Response
Efficiency vs Load Current with
Different Mode Settings
(12V to 3.3V)
1.2V Transient Response
1.5V Transient Response
Efficiency vs Load Current with
5VIN (CCM)
Efficiency vs Load Current with
12VIN (CCM)
Efficiency vs Load Current with
24VIN (CCM)
LOAD CURRENT (A)
0
100
95
90
80
85
75
70
4
2
4618 G01
6
3
15
5V TO 0.8VOUT
5V TO 1.2VOUT
5V TO 1.5VOUT
5V TO 2.5VOUT
5V TO 3.3VOUT
LOAD CURRENT (A)
0
100
95
90
80
85
75
70
4
2
4618 G02
6
3
15
12V TO 1.2VOUT
12V TO 1.5VOUT
12V TO 2.5VOUT
12V TO 3.3VOUT
12V TO 5VOUT
LOAD CURRENT (A)
0
95
90
80
85
75
70
4
2
4618 G03
6
3
15
24V TO 2.5VOUT
24V TO 3.3VOUT
24V TO 5VOUT
LOAD CURRENT (A)
0.01
100
90
70
80
60
50
40
30
20
10
0
4618 G04
1
0.1
BURST
PULSE SKIP
CCM
VIN = 12V
VOUT = 3.3V
IOUT
1A/DIV
VOUT
50mV/DIV
4618 G05
50μs/DIV
VIN = 12V AND VOUT = 1.2V AT 3A/μs LOAD STEP
COUT = 2 22μF 6.3V CERAMIC CAPACITOR
1 100μF 6.3V CERAMIC CAPACITOR
1 220μF SANYO POSCAP
VOUT
50mV/DIV
IOUT
1A/DIV
4618 G06
50μs/DIV
VIN = 12V AND VOUT = 1.5V AT 3A/μs LOAD STEP
COUT = 2 22μF 6.3V CERAMIC CAPACITOR
1 100μF 6.3V CERAMIC CAPACITOR
1 220μF SANYO POSCAP
VOUT
50mV/DIV
IOUT
1A/DIV
4618 G07
50μs/DIV
VIN = 12V AND VOUT = 2.5V AT 3A/μs LOAD STEP
COUT = 2 22μF 6.3V CERAMIC CAPACITOR
1 100μF 6.3V CERAMIC CAPACITOR
1 220μF SANYO POSCAP
VOUT
50mV/DIV
IOUT
1A/DIV
4618 G08
50μs/DIV
VIN = 12V AND VOUT = 3.3V AT 3A/μs LOAD STEP
COUT = 2 22μF 6.3V CERAMIC CAPACITOR
1 100μF 6.3V CERAMIC CAPACITOR
1 220μF SANYO POSCAP
VOUT
100mV/DIV
IOUT
1A/DIV
4618 G09
50μs/DIV
VIN = 12V AND VOUT = 5V AT 3A/μs LOAD STEP
COUT = 2 22μF 6.3V CERAMIC CAPACITOR
1 100μF 6.3V CERAMIC CAPACITOR
1 220μF SANYO POSCAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com