Electronic Components Datasheet Search
  English  ▼

X  

LTM4618V Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4618V
Description  6A DC/DC 關Module Regulator with Tracking and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4618V Datasheet(HTML) 3 Page - Linear Technology

  LTM4618V Datasheet HTML 1Page - Linear Technology LTM4618V Datasheet HTML 2Page - Linear Technology LTM4618V Datasheet HTML 3Page - Linear Technology LTM4618V Datasheet HTML 4Page - Linear Technology LTM4618V Datasheet HTML 5Page - Linear Technology LTM4618V Datasheet HTML 6Page - Linear Technology LTM4618V Datasheet HTML 7Page - Linear Technology LTM4618V Datasheet HTML 8Page - Linear Technology LTM4618V Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTM4618
3
4618f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN = 12V, per typical application in Figure 21.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ(VIN)
Input Supply Bias Current
VIN = 12V, VOUT = 2.5V, IOUT = 0A
VIN = 26.5V, VOUT = 2.5V, IOUT = 0A
Shutdown, RUN = 0, VIN = 26.5V
26
20
80
mA
mA
μA
IS(VIN)
Input Supply Current
VIN = 12V, VOUT = 2.5V, IOUT = 6A
VIN = 26.5V, VOUT = 2.5V, IOUT = 6A
1.430
0.675
A
A
INTVCC
Internal VCC Voltage
VIN = 12V, VRUN > 2V, No Load
4.8
5
5.2
V
VEXTVCC
EXTVCC Switchover Voltage
EXTVCC Ramping Positive
l
4.5
4.7
V
VLDO External
EXTVCC Voltage Drop
INTVCC = 20mA, VEXTVCC = 5V
50
100
mV
VEXTVCC Hysteresis EXTVCC Hysteresis
200
mV
Output Specifications
IOUT(DC)
Output Continuous Current Range
VIN = 12V, VOUT = 2.5V (Note 4)
0
6
A
ΔVOUT(LINE)
VOUT
Line Regulation Accuracy
VOUT = 2.5V, VIN from 6V to 26.5V
IOUT = 0A
l
0.02
0.04
%/V
ΔVOUT(LOAD)
VOUT
Load Regulation Accuracy
VIN = 12V, VOUT = 2.5V, 0 to 6A (Note 4)
l
0.3
0.6
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 100μF ×3 X5R Ceramic
VIN = 12V, VOUT = 2.5V
VIN = 26.5V, VOUT = 2.5V
10
12
mV
mV
fS
Output Ripple Voltage Frequency
IOUT = 2A, VIN = 12V, VOUT = 2.5V, VFREQ = INTVCC
780
kHz
ΔVOUT(START)
Turn-On Overshoot
COUT = 100μF ×3 X5R Ceramic
VOUT = 2.5V, IOUT = 0A
VIN = 12V
VIN = 26.5V
20
20
mV
mV
tSTART
Turn-On Time
COUT = 100μF ×3 X5R Ceramic,
VOUT = 2.5V, IOUT = 0A, TK/SS Capacitor = 0.01μF
VIN = 12V
VIN = 26.5V
0.75
0.70
ms
ms
ΔVOUTLS
Peak Deviation for Dynamic Load
Load: 0% to 50% of Full Load
COUT = 100μF ×3 X5R Ceramic, VOUT = 2.5V
VIN = 12V
15
mV
tSETTLE
Settling Time for Dynamic Load Step
Load: 0% to 50% of Full Load
COUT = 100μF ×3 X5R Ceramic, VOUT = 2.5V
VIN = 12V
10
μs
IOUT(PK)
Output Current Limit
COUT = 100μF ×3 X5R Ceramic
VIN = 6V, VOUT = 2.5V
VIN = 26.5V, VOUT = 2.5V
11
11
A
A
Control Section
VFB
Error Amplifier Feedback Voltage
IOUT = 0A, VOUT = 2.5V
l
0.792
0.788
0.8
0.8
0.808
0.808
V
V
IFB
Error Amplifier Feedback Current
(Note 3)
–10
–50
nA
VOVL
Feedback Voltage Lockout
Measured at VFB
0.84
0.86
0.88
V
ITK/SS
Soft-Start Charge Current
VTK/SS = 0V
0.9
1.3
1.7
μA
DFMAX
Maximum Duty Factor
In Dropout (Note 3)
97
%
tON(MIN)
Minimum On-Time
(Note 3)
90
ns
fNOM
Nominal Frequency
VFREQ = 1.2V
450
500
550
kHz
fLOW
Lowest Frequency
VFREQ = 0V
210
250
290
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com