Electronic Components Datasheet Search
  English  ▼

X  

MSM22 Datasheet(PDF) 6 Page - Schurter Inc.

Part # MSM22
Description  Snap-in switch for switches PSE, MSM and MCS 30
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM22 Datasheet(HTML) 6 Page - Schurter Inc.

  MSM22 Datasheet HTML 1Page - Schurter Inc. MSM22 Datasheet HTML 2Page - Schurter Inc. MSM22 Datasheet HTML 3Page - Schurter Inc. MSM22 Datasheet HTML 4Page - Schurter Inc. MSM22 Datasheet HTML 5Page - Schurter Inc. MSM22 Datasheet HTML 6Page - Schurter Inc. MSM22 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SCHURTER GmbH
D – 79346 Endingen
www.schurter.com
Änderungen, die dem technischen Fortschritt dienen, bleiben vorbehalten
Seite
Erstelldatum:
Ersteller:
Änderungsdatum:
Geändert von:
Änderungs-Nr.
Datenblatt Nr.
Index
6 of 7
29.09.2005
Birmelin
17.01.07
Birmelin
9353
105.9511
c
Print date: 17.01.07 14:27
2.3
Cut-out
Mounting Diameter 19 mm
Mounting Diameter 22 mm
Mounting Diameter 24 mm
Mounting Diameter 27 mm
Mounting Diameter 30 mm
2.4
Assembling Instruction



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com