Electronic Components Datasheet Search
  English  ▼

X  

MSM22 Datasheet(PDF) 1 Page - Schurter Inc.

Part # MSM22
Description  Snap-in switch for switches PSE, MSM and MCS 30
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM22 Datasheet(HTML) 1 Page - Schurter Inc.

  MSM22 Datasheet HTML 1Page - Schurter Inc. MSM22 Datasheet HTML 2Page - Schurter Inc. MSM22 Datasheet HTML 3Page - Schurter Inc. MSM22 Datasheet HTML 4Page - Schurter Inc. MSM22 Datasheet HTML 5Page - Schurter Inc. MSM22 Datasheet HTML 6Page - Schurter Inc. MSM22 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SCHURTER GmbH
D – 79346 Endingen
www.schurter.com
Änderungen, die dem technischen Fortschritt dienen, bleiben vorbehalten
Seite
Erstelldatum:
Ersteller:
Änderungsdatum:
Geändert von:
Änderungs-Nr.
Datenblatt Nr.
Index
1 of 7
29.09.2005
Birmelin
17.01.07
Birmelin
9353
105.9511
c
Print date: 17.01.07 14:27
Product manual
Snap-in switch
for switches PSE, MSM and MCS 30
CONTENTS
1. PRODUCT DESCRIPTION
2. DATA AND DIMENSIONAL DRAWINGS
2.1. Technical Data
2.2. Dimensions of PSE with a Mounting Diameter 19 mm
Dimensions of PSE with a Mounting Diameter 22 mm
Dimensions of PSE with a Mounting Diameter 24 mm
Dimensions of PSE with a Mounting Diameter 27 mm
Dimensions of PSE with a Mounting Diameter 30 mm
Dimensions of MSM with a Mounting Diameter 22 mm
Dimensions of MSM with a Mounting Diameter 30 mm
Dimensions of MCS 30 with a Mounting Diameter 30 mm
2.3. Cut-out
2.4. Assembling Instruction
3. ORDER NUMBERS
3.1. MSM 22
3.2. Variants Parts List
4. PACKAGING


Similar Part No. - MSM22

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSM22 SCHURTER-MSM22 Datasheet
942Kb / 9P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
MSM22 SCHURTER-MSM22 Datasheet
1Mb / 10P
Metal Switch Medium Stroke, Switching Voltage up to 250 VAC
05.01.2022
MSM22DPLE SCHURTER-MSM22DPLE Datasheet
660Kb / 17P
Vandal-proof MSM DP switch
MSM22DPPI SCHURTER-MSM22DPPI Datasheet
660Kb / 17P
Vandal-proof MSM DP switch
MSM22DPRI SCHURTER-MSM22DPRI Datasheet
660Kb / 17P
Vandal-proof MSM DP switch
More results

Similar Description - MSM22

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
MCS-51 INTEL-MCS-51 Datasheet
976Kb / 16P
MCS-51 and MCS-96 Packaging Information
logo
ITT Industries
D101J12S215QA ITT-D101J12S215QA Datasheet
369Kb / 5P
Miniature Snap-in Power Rocker Switches
LP22C21T203Q ITT-LP22C21T203Q Datasheet
183Kb / 3P
Miniature Snap-in Slide Switches
logo
Schurter Inc.
MSM16ST SCHURTER-MSM16ST Datasheet
752Kb / 17P
Vandal-proof MSM switches
MSM19DPST SCHURTER-MSM19DPST Datasheet
660Kb / 17P
Vandal-proof MSM DP switch
logo
C&K Components
LP22C21T203DQ CK-COMPONENTS-LP22C21T203DQ Datasheet
176Kb / 3P
Miniature Snap-in Slide Switches
logo
List of Unclassifed Man...
R2401C2NBB ETC2-R2401C2NBB Datasheet
99Kb / 2P
R SERIES SNAP-IN ROCKER SWITCHES
logo
Schurter Inc.
MSM SCHURTER-MSM Datasheet
81Kb / 1P
Protection cover for MSM 19 and MSM 22
MSMCOVER SCHURTER-MSMCOVER Datasheet
86Kb / 1P
Protection cover for MSM 19 and MSM 22
MSMCOVER SCHURTER-MSMCOVER_V02 Datasheet
158Kb / 1P
Protection cover for MSM 19 and MSM 22
04.01.2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com