Electronic Components Datasheet Search
  English  ▼

X  

MSM22 Datasheet(PDF) 7 Page - Schurter Inc.

Part # MSM22
Description  Snap-in switch for switches PSE, MSM and MCS 30
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM22 Datasheet(HTML) 7 Page - Schurter Inc.

  MSM22 Datasheet HTML 1Page - Schurter Inc. MSM22 Datasheet HTML 2Page - Schurter Inc. MSM22 Datasheet HTML 3Page - Schurter Inc. MSM22 Datasheet HTML 4Page - Schurter Inc. MSM22 Datasheet HTML 5Page - Schurter Inc. MSM22 Datasheet HTML 6Page - Schurter Inc. MSM22 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SCHURTER GmbH
D – 79346 Endingen
www.schurter.com
Änderungen, die dem technischen Fortschritt dienen, bleiben vorbehalten
Seite
Erstelldatum:
Ersteller:
Änderungsdatum:
Geändert von:
Änderungs-Nr.
Datenblatt Nr.
Index
7 of 7
29.09.2005
Birmelin
17.01.07
Birmelin
9353
105.9511
c
Print date: 17.01.07 14:27
3
ORDER NUMBERS
3.1
MSM 22
Mounting Diameter
[mm]
Ø 22
Ø 22
Front Panel Thickness
[mm]
1.5
2.0
Electrical Rating
max. 5A / 125VAC or 3A / 250VAC
Standard
1241.6695.1120000
1241.6699.1120000
Point Illumination - red
1241.6693.1121000
1241.6697.1121000
Point Illumination - green
1241.6693.1122000
1241.6697.1122000
3.2
Variants Parts List
Mounting Diameter
(mm)
Ø 19
Ø 22
Ø 24
Ø 27
Ø 30
MSM
X
X
MSM labelled *
X
X
MSM Point Illumination *
X
X
MSM Ring Illumination
X
X
MCS 30 Ring Illumination
X
PSE *
X
X
PSE Ring Illumination
X
X
X
* The switches are provided without torsion protection.
By a correct positioning of the switch while assembling, also lettered and illuminated switches
can be used.
For product requesting, please determine the standard article type and furthermore
declare for the snap-in version the thickness of the front panel.
4
PACKAGING
The MSM 22 switches are packaged into a carton with a patterned inlay where 10 parts are
included.
The MSM 30 configuration as well as the MCS 30 and the PSE are packaged into boxes either
with inlays or with air cushion bags, dependent on the connection configuration.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com