Electronic Components Datasheet Search
  English  ▼

X  

LMP8602QMM Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8602QMM
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8602QMM Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMP8602QMM Datasheet HTML 3Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 4Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 5Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 6Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 7Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 8Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 9Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 10Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Typical Performance Characteristics Unless otherwise specified, all limits guaranteed for at T
A = 25°C,
V
S = 5V, GND = 0V, −22V ≤ VCM ≤ 60V, and RL = ∞, Offset (Pin 7) connected to VS, 10nF between VS and GND.
V
OS vs. VCM at VS = 3.3V
30083424
V
OS vs. VCM at VS = 5V
30083425
Input Bias Current Over Temperature (+IN and −IN pins)
at V
S = 3.3V
30083441
Input Bias Current Over Temperature (+IN and −IN pins)
at V
S = 5V
30083442
Input Bias Current Over Temperature (A2 pin)
at V
S = 5V
30083427
Input Bias Current Over Temperature (A2 pin)
at V
S = 5V
30083426
7
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com