Electronic Components Datasheet Search
  English  ▼

X  

LMP8602QMM Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8602QMM
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8602QMM Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMP8602QMM Datasheet HTML 11Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 12Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 13Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 14Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 15Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 16Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 17Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 18Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADDITIONAL SECOND ORDER LOW PASS FILTER
The LMP8602/LMP8602Q/LMP8603/LMP8603Q has a third
order Butterworth low-pass characteristic with a typical band-
width of 60 kHz integrated in the preamplifier stage of the part.
The bandwidth of the output buffer can be reduced by adding
a capacitor on the A1 pin to create a first order low pass filter
with a time constant determined by the 100 k
Ω internal resis-
tor and the external filter capacitor.
It is also possible to create an additional second order Sallen-
Key low pass filter as shown in Figure 2 by adding external
components R
2, C1 and C2. Together with the internal
100 k
Ω resistor R
1, this circuit creates a second order low-
pass filter characteristic.
30083455
K1 = 10, K2 = 5 for LMP8602, K2 = 10 for LMP8603
FIGURE 2. Second Order Low Pass Filter
When the corner frequency of the additional filter is much
lower than 60 kHz, the transfer function of the described am-
plifier van be written as:
Where K
1 equals the gain of the preamplifier and K2 that of
the buffer amplifier.
The above equation can be written in the normalized frequen-
cy response for a 2nd order low pass filter:
The Cutt-off frequency
ω
o in rad/sec (divide by 2π to get the
cut-off frequency in Hz) is given by:
and the quality factor of the filter is given by:
For any filter gain K > 1x, the design procedure can be very
simple if the two capacitors are chosen to in a certain ratio.
Inserting this in the above equation for Q results in:
Which results in:
In this case, given the predetermined value of R1 = 100 k
Ω
( the internal resistor), the quality factor is set solely by the
value of the resistor R
2.
15
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com