Electronic Components Datasheet Search
  English  ▼

X  

LMP8602QMM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8602QMM
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8602QMM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMP8602QMM Datasheet HTML 1Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 2Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 3Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 4Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 5Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 6Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 7Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 8Page - National Semiconductor (TI) LMP8602QMM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LMP8602/LMP8602Q/
LMP8603/LMP8603Q
March 18, 2010
60V Common Mode, Fixed Gain, Bidirectional Precision
Current Sensing Amplifier
General Description
The LMP8602 and LMP8603 are fixed gain precision ampli-
fiers. The parts will amplify and filter small differential signals
in the presence of high common mode voltages. The input
common mode voltage range is –22V to +60V when operating
from a single 5V supply. With a 3.3V supply, the input com-
mon mode voltage range is from –4V to +27V. The LMP8602
and LMP8603 are members of the Linear Monolithic Precision
(LMP®) family and are ideal parts for unidirectional and bidi-
rectional current sensing applications. All parameter values
of the parts that are shown in the tables are 100% tested and
all bold values are also 100% tested over temperature.
The parts have a precise gain of 50x for the LMP8602 and
100x for the LMP8603, which are adequate in most targeted
applications to drive an ADC to its full scale value. The fixed
gain is achieved in two separate stages, a preamplifier with a
gain of 10x and an output stage buffer amplifier with a gain of
5x for the LMP8602 and 10x for the LMP8603. The connection
between the two stages of the signal path is brought out on
two pins to enable the possibility to create an additional filter
network around the output buffer amplifier. These pins can
also be used for alternative configurations with different gain
as described in the applications section.
The mid-rail offset adjustment pin enables the user to use
these devices for bidirectional single supply voltage current
sensing. The output signal is bidirectional and mid-rail refer-
enced when this pin is connected to the positive supply rail.
With the offset pin connected to ground, the output signal is
unidirectional and ground-referenced.
The LMP8602 and LMP8603 are available in a 8–Pin SOIC
package and in a 8–Pin MSOP package.
The LMP8602Q and LMP8603Q incorporate enhanced man-
ufacturing and support processes for the automotive market,
including defect detection methodologies. Reliability qualifi-
cation is compliant with the requirements and temperature
grades defined in the AEC Q100 standard.
Features
Unless otherwise noted, typical values at T
A
= 25°C,
V
S = 5.0V, Gain = 50x (LMP8602), Gain = 100x (LMP8603)
■ TCV
os
10μV/°C max
■ CMRR
90 dB min
■ Input offset voltage
1 mV max
■ CMVR at V
S = 3.3V
−4V to 27V
■ CMVR at V
S = 5.0V
−22V to 60V
■ Operating ambient temperature range −40°C to 125°C
■ Single supply bidirectional operation
■ All Min / Max limits 100% tested
■ LMP8602Q and LMP8603Q available in Automotive AEC-
Q100 Grade 1 qualified version
Applications
■ High side and low side driver configuration current sensing
■ Bidirectional current measurement
■ Current loop to voltage conversion
■ Automotive fuel injection control
■ Transmission control
■ Power steering
■ Battery management systems
Typical Applications
30083401
LMP™ is a trademark of National Semiconductor Corporation.
© 2010 National Semiconductor Corporation
300834
www.national.com


Similar Part No. - LMP8602QMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8602QMM TI1-LMP8602QMM Datasheet
541Kb / 26P
60V Common Mode, Fixed Gain, Bidirectional Precision
LMP8602QMM TI-LMP8602QMM Datasheet
1Mb / 33P
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8602QMM/NOPB TI1-LMP8602QMM/NOPB Datasheet
1Mb / 42P
Current-Sensing Amplifiers
LMP8602QMME TI-LMP8602QMME Datasheet
1Mb / 33P
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8602QMME/NOPB TI1-LMP8602QMME/NOPB Datasheet
1Mb / 42P
Current-Sensing Amplifiers
More results

Similar Description - LMP8602QMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8602 NSC-LMP8602 Datasheet
597Kb / 24P
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8601 NSC-LMP8601 Datasheet
533Kb / 22P
60V Common Mode, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8278Q TI1-LMP8278Q Datasheet
392Kb / 17P
High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
LMP8602 TI1-LMP8602 Datasheet
541Kb / 26P
60V Common Mode, Fixed Gain, Bidirectional Precision
LMP8601MAX-NOPB TI1-LMP8601MAX-NOPB Datasheet
1Mb / 29P
60-V Common-Mode Bidirectional Precision Current Sensing Amplifier
LMP8602MM TI-LMP8602MM Datasheet
1Mb / 33P
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8601 TI1-LMP8601_14 Datasheet
1Mb / 29P
LMP8601/LMP8601Q 60V Common Mode, Bidirectional Precision Current Sensing Amplifier
LMP8278 TI-LMP8278_15 Datasheet
952Kb / 23P
High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
LMP8602 TI-LMP8602_15 Datasheet
1Mb / 34P
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8601 TI1-LMP8601_15 Datasheet
1Mb / 33P
Common-Mode Bidirectional Precision Current-Sensing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com