Electronic Components Datasheet Search
  English  ▼

X  

NZX Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NZX
Description  Single Zener diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NZX Datasheet(HTML) 2 Page - NXP Semiconductors

  NZX Datasheet HTML 1Page - NXP Semiconductors NZX Datasheet HTML 2Page - NXP Semiconductors NZX Datasheet HTML 3Page - NXP Semiconductors NZX Datasheet HTML 4Page - NXP Semiconductors NZX Datasheet HTML 5Page - NXP Semiconductors NZX Datasheet HTML 6Page - NXP Semiconductors NZX Datasheet HTML 7Page - NXP Semiconductors NZX Datasheet HTML 8Page - NXP Semiconductors NZX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NZX_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 June 2009
2 of 12
NXP Semiconductors
NZX series
Single Zener diodes
3.
Ordering information
[1]
The series consists of 111 types with nominal working voltages from 2.4 V to 36 V.
4.
Marking
5.
Limiting values
6.
Thermal characteristics
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB) without metallization pad;
maximum lead length 8 mm.
Table 3.
Ordering information
Type number
Package
Name
Description
Version
NZX2V4A to NZX36X[1] SC-40
hermetically sealed glass package; axial leaded;
2 leads
SOD27
Table 4.
Marking codes
Type number
Marking code
NZX2V4A to NZX36X
the diodes are type branded
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
IF
forward current
-
250
mA
Ptot
total power dissipation
Ttp ≤ 25 °C
-
500
mW
Tj
junction temperature
-
175
°C
Tamb
ambient temperature
−55
+175
°C
Tstg
storage temperature
−65
+175
°C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Rth(j-a)
thermal resistance from junction to
ambient
in free air
[1] -
-
380
K/W
Rth(j-t)
thermal resistance from junction to
tie-point
[1] -
-
300
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com