Electronic Components Datasheet Search
  English  ▼

X  

NZX Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NZX
Description  Single Zener diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NZX Datasheet(HTML) 4 Page - NXP Semiconductors

  NZX Datasheet HTML 1Page - NXP Semiconductors NZX Datasheet HTML 2Page - NXP Semiconductors NZX Datasheet HTML 3Page - NXP Semiconductors NZX Datasheet HTML 4Page - NXP Semiconductors NZX Datasheet HTML 5Page - NXP Semiconductors NZX Datasheet HTML 6Page - NXP Semiconductors NZX Datasheet HTML 7Page - NXP Semiconductors NZX Datasheet HTML 8Page - NXP Semiconductors NZX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NZX_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 June 2009
4 of 12
NXP Semiconductors
NZX series
Single Zener diodes
3V6
A
3.4
3.6
100
5
1
B
3.5
3.7
C
3.6
3.8
3V9
A
3.7
3.9
100
3
1
B
3.8
4.0
C
3.9
4.1
4V3
A
4.0
4.2
100
3
1
B
4.1
4.3
C
4.2
4.4
D
4.3
4.5
4V7
A
4.4
4.6
100
3
2
B
4.5
4.7
C
4.6
4.8
D
4.7
4.9
5V1
A
4.8
5.0
100
2
2
B
4.9
5.1
C
5.0
5.2
D
5.1
5.3
5V6
A
5.2
5.5
40
1
2
B
5.3
5.6
C
5.4
5.7
D
5.5
5.8
E
5.6
5.9
6V2
A
5.7
6.0
15
3
4
B
5.8
6.1
C
6.0
6.3
D
6.1
6.4
E
6.3
6.6
6V8
A
6.4
6.7
15
2
4
B
6.6
6.9
C
6.7
7.0
D
6.9
7.2
Table 8.
Characteristics per type; NZX2V4A to NZX18C …continued
Tj =25 °C unless otherwise specified.
NZXxxx
Sel
Working voltage
VZ (V)
Differential
resistance
rdif (Ω)
Reverse current
IR (µA)
IZ =5mA
IZ =5mA
Min
Max
Max
Max
VR (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com