Electronic Components Datasheet Search
  English  ▼

X  

NZX Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NZX
Description  Single Zener diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NZX Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NZX Datasheet HTML 2Page - NXP Semiconductors NZX Datasheet HTML 3Page - NXP Semiconductors NZX Datasheet HTML 4Page - NXP Semiconductors NZX Datasheet HTML 5Page - NXP Semiconductors NZX Datasheet HTML 6Page - NXP Semiconductors NZX Datasheet HTML 7Page - NXP Semiconductors NZX Datasheet HTML 8Page - NXP Semiconductors NZX Datasheet HTML 9Page - NXP Semiconductors NZX Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NZX_SER_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 June 2009
6 of 12
NXP Semiconductors
NZX series
Single Zener diodes
15
A
14.1
14.7
40
0.05
10.5
B
14.5
15.1
C
14.9
15.5
X
14.35
15.09
16
A
15.3
15.9
45
0.05
11.2
B
15.7
16.5
C
16.3
17.1
18
A
16.9
17.7
55
0.05
12.6
B
17.5
18.3
C
18.1
19.0
Table 8.
Characteristics per type; NZX2V4A to NZX18C …continued
Tj =25 °C unless otherwise specified.
NZXxxx
Sel
Working voltage
VZ (V)
Differential
resistance
rdif (Ω)
Reverse current
IR (µA)
IZ =5mA
IZ =5mA
Min
Max
Max
Max
VR (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com