Electronic Components Datasheet Search
  English  ▼

X  

INA282 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA282
Description  High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA282 Datasheet(HTML) 1 Page - Texas Instruments

  INA282 Datasheet HTML 1Page - Texas Instruments INA282 Datasheet HTML 2Page - Texas Instruments INA282 Datasheet HTML 3Page - Texas Instruments INA282 Datasheet HTML 4Page - Texas Instruments INA282 Datasheet HTML 5Page - Texas Instruments INA282 Datasheet HTML 6Page - Texas Instruments INA282 Datasheet HTML 7Page - Texas Instruments INA282 Datasheet HTML 8Page - Texas Instruments INA282 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
INA28x
33.3kW
33.3kW
1
Æ
2
Æ
2
Æ
1
Æ
2
Æ
2
Supply
14Vto+80V
-
Load
Zer
-
Drift
Æ
1
Æ
1
OUT
REF2
REF1
GND
+2.7Vto+18V
V+
+IN
-
IN
Output
PRODUCT
GAIN
50V/V
100V/V
INA286
200V/V
INA283
500V/V
INA284
1000V/V
INA285
INA282
INA282, INA283
INA284, INA285
INA286
www.ti.com
SBOS485A – NOVEMBER 2009 – REVISED JULY 2010
High-Accuracy, Wide Common-Mode Range, Bi-Directional
CURRENT SHUNT MONITOR
Zerø-Drift Series
Check for Samples: INA282, INA283, INA284, INA285, INA286
1
FEATURES
DESCRIPTION
2
•
WIDE COMMON-MODE RANGE: –14V to 80V
The INA282 family, which includes the INA282,
INA283, INA284, INA285, and INA286 devices, are
•
OFFSET VOLTAGE: ±20mV
voltage output current shunt monitors that can sense
•
CMRR: 140dB
drops across shunts at common-mode voltages from
•
ACCURACY:
–14V to +80V, independent of the supply voltage.
–
±1.4% Gain Error (Max)
The low offset of the Zerø-Drift architecture enables
current sensing with maximum drops across the
–
0.3mV/°C Offset Drift
shunt as low as 10mV full-scale.
–
0.005%/°C Gain Drift (Max)
These current shunt monitors operate from a single
•
AVAILABLE GAINS:
+2.7V to +18V supply, drawing a maximum of 900mA
–
50V/V: INA282
of supply current. They are specified over the
–
100V/V: INA286
extended operating temperature range of –40°C to
+125°C, and offered in an SOIC-8 package.
–
200V/V: INA283
–
500V/V: INA284
–
1000V/V: INA285
•
QUIESCENT CURRENT: 900mA (Max)
APPLICATIONS
•
TELECOM EQUIPMENT
•
AUTOMOTIVE
•
POWER MANAGEMENT
•
SOLAR INVERTERS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2009–2010, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA282 TI-INA282 Datasheet
686Kb / 31P
High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA282 TI-INA282 Datasheet
1Mb / 33P
High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA282 TI1-INA282 Datasheet
1Mb / 36P
Bidirectional Current Shunt Monitors
INA282 TI2-INA282 Datasheet
1Mb / 39P
INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
REVISED MAY 2015
INA282 TI2-INA282 Datasheet
1Mb / 39P
INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
REVISED MAY 2015
More results

Similar Description - INA282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA210 TI-INA210_08 Datasheet
583Kb / 17P
Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA282 TI-INA282_11 Datasheet
686Kb / 31P
High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA282-Q1 TI1-INA282-Q1 Datasheet
847Kb / 30P
High-Accuracy, Wide Common-Mode Range, Bi-Directional
INA282 TI-INA282_12 Datasheet
1Mb / 33P
High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA282 TI-INA282_15 Datasheet
1Mb / 36P
INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
INA283 TI-INA283_15 Datasheet
1Mb / 36P
INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
logo
ON Semiconductor
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
logo
Texas Instruments
INA240 TI1-INA240 Datasheet
543Kb / 8P
Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
logo
ON Semiconductor
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com