Electronic Components Datasheet Search
  English  ▼

X  

INA282 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA282
Description  High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA282 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA282 Datasheet HTML 6Page - Texas Instruments INA282 Datasheet HTML 7Page - Texas Instruments INA282 Datasheet HTML 8Page - Texas Instruments INA282 Datasheet HTML 9Page - Texas Instruments INA282 Datasheet HTML 10Page - Texas Instruments INA282 Datasheet HTML 11Page - Texas Instruments INA282 Datasheet HTML 12Page - Texas Instruments INA282 Datasheet HTML 13Page - Texas Instruments INA282 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1.0
-
-
-
-
-
-75
-50
-25
0
25
50
75
100
125
150
Temperature( C)
°
V+=5V
V+=12V
0
5
10
15
20
25
30
35
40
-
-
-
-
-
-
-
-
-
75
-
50
-
25
0
25
50
75
100
125
150
Temperature ( C)
°
V+ = 2.7V
V+ = 5V
V+ = 18V
V
= 0V
CM
Time(1s/div)
Frequency(Hz)
100
1k
10k
100k
6.0
5.5
5.0
4.5
4.0
3.5
3.0
0.12
0.11
0.10
0.09
0.08
0.07
0.06
0
1
2
3
4
5
6
7
8
9
10
I
(mA)
OUT
18
16
14
12
10
8
6
4
2
0
0
2
4
6
8
10
12
14
16
18
-
-
-
-
-
-
-
-
-
Sink2.7V
I
=6.2mA
SC
Sink18V
I
=8.6mA
SC
Source2.7V
I
=3.4mA
SC
Source18V
I
=5.8mA
SC
Source5V
I
=5.2mA
SC
Sink5V
I
=8.2mA
SC
800
700
600
500
400
300
200
100
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
,Sourcing(mA)
OUT
2.7VSwing
5VSwing
+25 C
°
+125 C
°
+85 C
°
-40 C
°
INA282, INA283
INA284, INA285
INA286
SBOS485A – NOVEMBER 2009 – REVISED JULY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, V+ = 5V, V+IN = 12V, VREF1 = VREF2 = 2.048V referenced to GND, and VSENSE = V+IN – V–IN, unless otherwise
noted.
+IN BIAS CURRENT
GAIN vs TEMPERATURE
vs TEMPERATURE
Figure 25.
Figure 26.
INA282 0.1Hz TO 10Hz VOLTAGE NOISE, RTI
INA282 VOLTAGE NOISE vs FREQUENCY
Figure 27.
Figure 28.
INA284 SWING TO RAIL WITH SHORT-CIRCUIT CURRENT
INA283 SWING TO RAIL vs OUTPUT CURRENT
Figure 29.
Figure 30.
10
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): INA282 INA283 INA284 INA285 INA286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com