Electronic Components Datasheet Search
  English  ▼

X  

MMA8451Q Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MMA8451Q
Description  3-Axis, 14-bit/8-bit Digital Accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451Q Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MMA8451Q Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
Sensors
Freescale Semiconductor
3
MMA8451Q
6
Register Descriptions .......................................................................................................................................................21
Table 11. Register Address Map ...............................................................................................................................21
6.1
Data Registers ...........................................................................................................................................................22
F_MODE = 00: 0X00 STATUS: Data Status Register (Read Only) ....................................................................22
Table 12. STATUS Description .................................................................................................................................23
Data Registers: 0x01 OUT_X_MSB, 0x02 OUT_X_LSB, 0x03 OUT_Y_MSB, 0X04 OUT_Y_LSB ............................24
0x01 OUT_X_MSB: X_MSB Register (Read Only) .............................................................................................24
0x02 OUT_X_LSB: X_LSB Register (Read Only) ...............................................................................................24
0x03 OUT_Y_MSB: Y_MSB Register (Read Only) .............................................................................................24
0x04 OUT_Y_LSB: Y_LSB Register (Read Only) ...............................................................................................24
0x05 OUT_Z_MSB: Z_MSB Register (Read Only) .............................................................................................24
0x06 OUT_Z_LSB: Z_LSB Register (Read Only) ...............................................................................................24
6.2
32 Sample FIFO ........................................................................................................................................................24
F_MODE > 0 0x00: F_STATUS FIFO Status Register ................................................................................................24
0x00 F_STATUS: FIFO STATUS Register (Read Only) .....................................................................................24
Table 13. FIFO Flag Event Description .....................................................................................................................25
Table 14. FIFO Sample Count Description ...............................................................................................................25
0x09: F_SETUP FIFO Set-up Register ........................................................................................................................25
0x09 F_SETUP: FIFO Set-up Register (Read/Write) ..........................................................................................25
Table 15. F_SETUP Description ...............................................................................................................................25
0x0A: TRIG_CFG .........................................................................................................................................................26
0x0A: TRIG_CFG Trigger Configuration Register (Read/Write) ..........................................................................26
Table 16. Trigger Configuration Description ..............................................................................................................26
0x0B: SYSMOD System Mode Register ......................................................................................................................26
0x0B SYSMOD: System Mode Register (Read Only) .........................................................................................26
Table 17. SYSMOD Description ................................................................................................................................26
0x0C: INT_SOURCE System Interrupt Status Register ...............................................................................................27
Table 18. INT_SOURCE Description ........................................................................................................................27
0x0D: WHO_AM_I Device ID Register .........................................................................................................................28
0x0D: WHO_AM_I Device ID Register (Read Only) ............................................................................................28
0x0E: XYZ_DATA_CFG Register ................................................................................................................................28
0x0E: XYZ_DATA_CFG (Read/Write) .................................................................................................................28
Table 19. XYZ Data Configuration Descriptions ........................................................................................................28
Table 20. Full Scale Range .......................................................................................................................................28
0x0F: HP_FILTER_CUTOFF High Pass Filter Register ..............................................................................................28
0x0F HP_FILTER_CUTOFF: High Pass Filter Register (Read/Write) ................................................................28
Table 21. High Pass Filter Cut-off Register Descriptions ..........................................................................................28
Table 22. High Pass Filter Cut-off Options ................................................................................................................29
6.3
Portrait/ Landscape Embedded Function Registers ..................................................................................................29
0x10: PL_STATUS Portrait/Landscape Status Register ..............................................................................................29
0x10 PL_STATUS Register (Read Only) ............................................................................................................29
Table 23. PL_STATUS Register Description ............................................................................................................29
0x11 Portrait/Landscape Configuration Register .........................................................................................................30
0x11 PL_CFG Register (Read/Write ...................................................................................................................30
Table 24. PL_CFG Description .................................................................................................................................30
0x12 Portrait/Landscape Debounce Counter ...............................................................................................................30
0x12 PL_COUNT Register (Read/Write) .............................................................................................................30
Table 25. PL_COUNT Description ............................................................................................................................30
Table 26. PL_COUNT Relationship with the ODR ....................................................................................................30
0x13: PL_BF_ZCOMP Back/Front and Z Compensation Register ..............................................................................30
0x13: PL_BF_ZCOMP Register (Read/Write) .....................................................................................................30
Table 27. PL_BF_ZCOMP Description .....................................................................................................................30
Table 28. Z-Lock Threshold Angles ..........................................................................................................................31
Table 29. Back/Front Orientation Definition ..............................................................................................................31
0x14: P_L_THS_REG Portrait/Landscape Threshold and Hysteresis Register ...........................................................31
0x14: P_L_THS_REG Register (Read/Write) ......................................................................................................31
Table 30. P_L_THS_REG Description ......................................................................................................................31
Table 31. Threshold Angle Thresholds Look-up Table .............................................................................................31
Table 32. Trip Angles with Hysteresis for 45° Angle .................................................................................................31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com