Electronic Components Datasheet Search
  English  ▼

X  

MMA8451Q Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MMA8451Q
Description  3-Axis, 14-bit/8-bit Digital Accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451Q Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MMA8451Q Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
Sensors
16
Freescale Semiconductor
MMA8451Q
5.7
Transient Detection
The MMA8451Q has a built-in high pass filter. Acceleration data goes through the high pass filter, eliminating the offset (DC)
and low frequencies. The high pass filter cut-off frequency can be set by the user to four different frequencies which are
dependent on the Output Data Rate (ODR). A higher cut-off frequency ensures the DC data or slower moving data will be filtered
out, allowing only the higher frequencies to pass. The embedded Transient Detection function uses the high pass filtered data
allowing the user to set the threshold and debounce counter. The transient detection feature can be used in the same manner as
the motion detection by bypassing the high pass filter. There is an option in the configuration register to do this. This adds more
flexibility to cover various customer use cases.
Many applications use the accelerometer’s static acceleration readings (i.e., tilt) which measure the change in acceleration
due to gravity only. These functions benefit from acceleration data being filtered with a low pass filter where high frequency data is
considered noise. However, there are many functions where the accelerometer must analyze dynamic acceleration. Functions
such as tap, flick, shake and step counting are based on the analysis of the change in the acceleration. It is simpler to interpret
these functions dependent on dynamic acceleration data when the static component has been removed. The Transient Detection
function can be routed to either interrupt pin through bit 5 in CTRL_REG5 register (0x2E). Registers 0x1D – 0x20 are the
dedicated Transient Detection configuration registers. The source register contains directional data to determine the direction of
the acceleration, either positive or negative. For details on the benefits of the embedded Transient Detection function along with
specific application examples and recommended configuration settings, please refer to Freescale application note, AN4071.
5.8
Tap Detection
The MMA8451Q has embedded single/double and directional tap detection. This function has various customizing timers for
setting the pulse time width and the latency time between pulses. There are programmable thresholds for all three axes. The tap
detection can be configured to run through the high pass filter and also through a low pass filter, which provides more customizing
and tunable tap detection schemes. The status register provides updates on the axes where the event was detected and the
direction of the tap. For more information on how to configure the device for tap detection please refer to Freescale application
note AN4072.
5.9
Orientation Detection
The MMA8451Q incorporates an advanced algorithm for orientation detection (ability to detect all 6 orientations) with
configurable trip points. The embedded algorithm allows the selection of the mid point with the desired hysteresis value.
The MMA8451Q Orientation Detection algorithm confirms the reliability of the function with a configurable Z-lockout angle.
Based on known functionality of linear accelerometers, it is not possible to rotate the device about the Z-axis to detect change in
acceleration at slow angular speeds. The angle at which the device no longer detects the orientation change is referred to as the
“Z-Lockout angle”. The device operates down to 14° from the flat position.
For further information on the configuration settings of the orientation detection function, including recommendations for
configuring the device to support various application use cases, refer to Freescale application note, AN4068.
Figure 8 and Figure 9 show the definitions of the trip angles going from Landscape to Portrait and then also from Portrait to
Landscape.
Figure 7. Landscape/Portrait Orientation
Top View
PU
Earth Gravity
Pin 1
Xout @ 0g
Yout @ -1g
Zout @ 0g
Xout @ 1g
Yout @ 0g
Zout @ 0g
Xout @ 0g
Yout @ 1g
Zout @ 0g
Xout @ -1g
Yout @ 0g
Zout @ 0g
LL
PD
LR
Side View
FRONT
Xout @ 0g
Yout @ 0g
Zout @ 1g
BACK
Xout @ 0g
Yout @ 0g
Zout @ -1g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com