Electronic Components Datasheet Search
  English  ▼

X  

MMA8451Q Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMA8451Q
Description  3-Axis, 14-bit/8-bit Digital Accelerometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8451Q Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMA8451Q Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8451Q Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
Sensors
6
Freescale Semiconductor
MMA8451Q
Application Notes for Reference
The following is a list of Freescale Application Notes written for the MMA8451, 2, 3Q:
• AN4068, Embedded Orientation Detection Using the MMA8451, 2, 3Q
• AN4069, Offset Calibration of the MMA8451, 2, 3Q
• AN4070, Motion and Freefall Detection Using the MMA8451, 2, 3Q
• AN4071, High Pass Data and Functions Using the MMA8451, 2,3Q
• AN4072, MMA8451, 2, 3Q Single/Double and Directional Tap Detection
• AN4073, Using the 32 Sample First In First Out (FIFO) in the MMA8451Q
• AN4074, Auto-Wake/Sleep Using the MMA8451, 2, 3Q
• AN4075, How Many Bits are Enough? The Trade-off Between High Resolution and Low Power Using Oversampling Modes
• AN4076, Data Manipulation and Basic Settings of the MMA8451, 2, 3Q
• AN4077, MMA8451, 2, 3Q Design Checklist and Board Mounting Guidelines
1
Block Diagram and Pin Description
1.1
Block Diagram
Figure 1. Block Diagram
1.2
Pin Description
Figure 2. Direction of the Detectable Accelerations
14-bit
SDA
SCL
I2C
Embedded
DSP
Functions
C to V
Internal
OSC
Clock
GEN
ADC
Converter
VDDIO
VSS
X-axis
Transducer
Y-axis
Transducer
Z-axis
Transducer
32 Data Point
Configurable
FIFO Buffer
with Watermark
Freefall
and Motion
Detection
Transient
Detection
(i.e., fast motion,
jolt)
Enhanced
Orientation with
Hysteresis
and Z-lockout
Shake Detection
through
Motion
Threshold
Single, Double
Auto-WAKE/Auto-SLEEP Configurable with debounce counter and multiple motion interrupts for control
Auto-WAKE/SLEEP
ACTIVE Mode
SLEEP
VDD
& Directional Tap
Detection
INT1
INT2
MODE Options
Low Power
Low Noise + Power
High Resolution
Normal
MODE Options
Low Power
Low Noise + Power
High Resolution
Normal
ACTIVE Mode
WAKE
1
DIRECTION OF THE
DETECTABLE ACCELERATIONS
(BOTTOM VIEW)
5
9
13
X
Y
Z
1
(TOP VIEW)
Earth Gravity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com