Electronic Components Datasheet Search
  English  ▼

X  

2SJ413 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SJ413
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ413 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SJ413 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ413 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ413 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ413 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
P-Channel Silicon MOSFET
Ultrahigh-Speed Switching Applications
Ordering number:ENN5366A
2SJ413
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
60100TS (KOTO) TA-2633 No.5366–1/4
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2076B
[2SJ413]
Features
· Low ON resistance.
· Ultrahigh-speed switching.
· Low-voltage drive.
· Micaless package facilitating mounting.
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Gate
2 : Drain
3 : Source
SANYO : TO-3PML
PW
≤10µs, duty cycle≤1%
Marking : JE
Continued on next page.
Tc=25˚C
16.0
2.0
2.8
1.0
5.6
3.1
2.0
0.6
5.45
5.45
12
3
3.4
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
0
6
–V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
e
t
a
GV
S
S
G
0
2
±V
)
C
D
(
t
n
e
r
r
u
C
n
i
a
r
DID
0
5
–A
)
e
s
l
u
P
(
t
n
e
r
r
u
C
n
i
a
r
DI P
D
0
0
2
–A
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
APD
0
.
3W
0
7W
e
r
u
t
a
r
e
p
m
e
T
l
e
n
n
a
h
Ch
c
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
)
R
B
(
ID
V
,
A
m
1
–
=
S
G
0
=0
6
–V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
c
r
u
o
S
-
o
t
-
e
t
a
GV
S
S
G
)
R
B
(
IG
V
,
A
µ
0
0
1
±
=
S
D
0
=0
2
±V
t
n
e
r
r
u
C
n
i
a
r
D
e
g
a
t
l
o
V
e
t
a
G
-
o
r
e
ZI
S
S
D
V S
D
V
,
V
0
6
–
=
S
G
0
=0
0
1
–A
µ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
c
r
u
o
S
-
o
t
-
e
t
a
GI
S
S
G
V S
G
V
,
V
6
1
±
=
S
D
0
=0
1
±A
µ
e
g
a
t
l
o
V
f
f
o
t
u
CV S
G
)
f
f
o
(V S
D
I
,
V
0
1
–
=
D
A
m
1
–
=0
.
1
–0
.
2
–V
e
c
n
a
t
t
i
m
d
A
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F|
s
f
y
|V S
D
I
,
V
0
1
–
=
D
A
5
2
–
=7
25
4S
e
c
n
a
t
s
i
s
e
R
e
t
a
t
S
-
n
O
e
c
r
u
o
S
-
o
t
-
n
i
a
r
D
c
i
t
a
t
S
R
)
n
o
(
S
D
1ID
V
,
A
5
2
–
=
S
G
V
0
1
–
=5
10
2m
Ω
R
)
n
o
(
S
D
2ID
V
,
A
5
2
–
=
S
G
V
4
–
=0
20
3m
Ω


Similar Part No. - 2SJ413

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ410 HITACHI-2SJ410 Datasheet
29Kb / 6P
Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ410 RENESAS-2SJ410 Datasheet
1Mb / 5P
Silicon P Channel MOS FET
logo
Inchange Semiconductor ...
2SJ410 ISC-2SJ410 Datasheet
296Kb / 2P
isc P-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SJ410-E RENESAS-2SJ410-E Datasheet
1Mb / 5P
Silicon P Channel MOS FET
logo
NEC
2SJ411 NEC-2SJ411 Datasheet
70Kb / 6P
P-CHANNEL SIGNAL MOS FET FOR SWITCHING
More results

Similar Description - 2SJ413

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
Ultrahigh-Speed Switching Applications
2SK2628LS SANYO-2SK2628LS Datasheet
28Kb / 4P
Ultrahigh-Speed Switching Applications
3LN01M SANYO-3LN01M Datasheet
41Kb / 4P
Ultrahigh-Speed Switching Applications
CPH3418 SANYO-CPH3418 Datasheet
27Kb / 4P
Ultrahigh-Speed Switching Applications
2SK3614 SANYO-2SK3614 Datasheet
59Kb / 4P
UltraHigh-Speed Switching Applications
2SK3486 SANYO-2SK3486 Datasheet
37Kb / 4P
Ultrahigh-Speed Switching Applications
MCH3445 SANYO-MCH3445 Datasheet
46Kb / 3P
Ultrahigh-Speed Switching Applications
CPH6412 SANYO-CPH6412 Datasheet
37Kb / 4P
Ultrahigh-Speed Switching Applications
FTS1011 SANYO-FTS1011 Datasheet
31Kb / 4P
Ultrahigh-Speed Switching Applications
MCH3319 SANYO-MCH3319 Datasheet
33Kb / 4P
Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com