Electronic Components Datasheet Search
  English  ▼

X  

2SJ413 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SJ413
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ413 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SJ413 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ413 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ413 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ413 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SJ413
No.5366–3/4
ID=-50A
IDP=- 200A
SW Time - I D
A S O
P D - Ta
VDD=-30V
VGS=-10V
2
3
2
3
5
7
2
3
5
7
23
5
7
23
5
7
2
3
5
7
2
3
5
7
2
3
5
7
23
5 7
23
5 7
72
3
5 7
100
10
1000
10000
-100
-10
-1.0
-0.1
-10
-1.0
-100
-1.0
-10
-100
20
60
40
80
120
100
140
160
0
0
2
1
3
4
P D - Tc
20
60
40
80
120
100
140
160
0
0
40
20
60
80
70
100
R DS(on) - Tc
Ciss,Coss,Crss - VDS
f=1MHz
2
3
5
7
2
3
5
7
2
3
5
7
20
10
0
40
35
30
020
-20
-40
-60
40
60
80
100
120
160
140
50
5
25
15
45
1000
100
10000
100000
-10
-5
-15
-20
-25
-30
0
100
µ
s
ID=
-25A,V
GS
=-4V
I D=
-25A,V
GS
=-10V
Operation in this area
is limited by RDS(on).
Ciss
Coss
Crss
10ms
1ms
10
µs
100ms
td(on)
tr
td(off)
tf
DC
operation
Drain-to-Source Voltage, VDS –V
Drain Current, ID –A
Drain-to-Source Voltage, VDS –V
Ambient Temperature, Ta – ˚C
Tc=25
°C
Single pulse
Case Temperature, Tc – ˚C
Case Temperature, Tc – ˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com