Electronic Components Datasheet Search
  English  ▼

X  

2SJ413 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SJ413
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ413 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SJ413 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ413 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ413 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ413 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SJ413
No.5366–2/4
Continued from preceding page.
Switching Time Test Circuit
50
Ω
P.G
2SJ413
S
G
D
VOUT
VDD=—30V
VIN
ID=—25A
RL=1.2Ω
PW=10
µs
D.C.
≤1%
VIN
0V
—10V
ID - VDS
ID - VGS
yfs -- ID
RDS(on) - VGS
Tc=25
°C
ID=-25A
VDS=-10V
7
23
5
7
23
5
7
23
5
2
3
5
7
2
3
5
7
2
3
5
7
-50
-40
-30
-10
0
0
-20
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
0
0
-20
-40
-60
-100
-10
-30
-50
-90
-80
-70
-1
-2
-3
-5
-4
-6
-0.1
-1.0
-10
-100
0.1
1.0
10
100
10
-1
0
-3
-4
-2
-5
-6
-7
-8
-9
-10
-11
-12
0
20
30
40
60
50
VDS=-10V
VGS=-2.0V
-8.0V
-3.0V
-6.0V
-5.0V
Tc=
-25
°C
25°C
75°
C
Drain-to-Source Voltage, VDS –V
Drain Current, ID –A
Gate-to-Source Voltage, VGS –V
Gate-to-Source Voltage, VGS –V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D
z
H
M
1
=
f
,
V
0
2
–
=0
0
6
7F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Os
s
o
CV S
D
z
H
M
1
=
f
,
V
0
2
–
=0
0
4
2F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D
z
H
M
1
=
f
,
V
0
2
–
=0
0
6F
p
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Tt
)
n
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
6s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
5
2s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Tt
)
f
f
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
0
9s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
5
3s
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
0
5
–
=
S
G
0
=0
.
1
–5
.
1
–V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com