Electronic Components Datasheet Search
  English  ▼

X  

LM4546B Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4546B
Description  AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4546B Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM4546B Datasheet HTML 14Page - National Semiconductor (TI) LM4546B Datasheet HTML 15Page - National Semiconductor (TI) LM4546B Datasheet HTML 16Page - National Semiconductor (TI) LM4546B Datasheet HTML 17Page - National Semiconductor (TI) LM4546B Datasheet HTML 18Page - National Semiconductor (TI) LM4546B Datasheet HTML 19Page - National Semiconductor (TI) LM4546B Datasheet HTML 20Page - National Semiconductor (TI) LM4546B Datasheet HTML 21Page - National Semiconductor (TI) LM4546B Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
AC Link Serial Interface Protocol
(Continued)
SDATA_OUT: Slots 5 to 12 – Reserved
These slots are not used by the LM4546B and should all be
stuffed with zeros by the AC ’97 Controller.
AC LINK INPUT FRAME:
SDATA_IN, CONTROLLER INPUT FROM LM4546B OUTPUT
The AC Link Input Frame contains status and PCM data from
the LM4546B control registers and stereo ADC. Input
Frames are carried on the SDATA_IN signal which is an
input to the AC ’97 Digital Audio Controller and an output
from the LM4546B codec. As shown in Figure 3, Input
Frames are constructed from thirteen time slots: one Tag
Slot followed by twelve Data Slots. The Tag Slot, Slot 0,
contains 16 bits of which 5 are used by the LM4546B. One is
used to indicate that the AC Link interface is fully operational
and the other 4 to indicate the validity of the data in the four
of the twelve following Data Slots that are used by the
LM4546B. Each Frame consists of 256 bits with each of the
twelve data slots containing 20 bits.
A new Input Frame is signaled with a low-to-high transition of
SYNC. SYNC should be clocked from the controller on a
rising edge of BIT_CLK and, as shown in Figure 6 and
Figure 7, the first tag bit in the Frame (“Codec Ready”) is
clocked from the LM4546B by the next rising edge of BIT-
_CLK. The LM4546B always clocks data to SDATA_IN on a
rising edge of BIT_CLK and the controller is expected to
sample SDATA_IN on the next falling edge. The LM4546B
samples SYNC on the falling edge of BIT_CLK.
Input and Output Frames are aligned to the same SYNC
transition.
The LM4546B checks each Frame to ensure 256 bits are
received. If a new Frame is detected (a low-to-high transition
on SYNC) before 256 bits are received from an old Frame
then the new Frame is ignored i.e. no valid data is sent on
SDATA_IN until a valid new Frame is detected.
The LM4546B transmits data MSB first, in a MSB justified
format. All reserved bits and slots are stuffed with "0"s by the
LM4546B.
SDATA_IN: Slot 0 – Codec/Slot Status Bits
The first bit (bit 15, “Codec Ready”) of slot 0 in the AC Link
Input Frame indicates when the codec’s AC Link digital
interface and its status/control registers are fully operational.
The digital controller is then able to read the LSBs from the
Powerdown Control/Stat register (26h) to determine the sta-
tus of the four main analog subsections. It is important to
check the status of these subsections after Initialization,
Cold Reset or the use of the powerdown modes in order to
minimize the risk of distorting analog signals passed before
the subsections are ready.
The 4 bits 14, 13, 12 and 11 indicate that the data in slots 1,
2, 3 and 4, respectively, are valid.
20123308
FIGURE 6. AC Link Input Frame
20123307
FIGURE 7. Start of AC Link Input Frame
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com