Electronic Components Datasheet Search
  English  ▼

X  

LM4546B Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4546B
Description  AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4546B Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4546B Datasheet HTML 7Page - National Semiconductor (TI) LM4546B Datasheet HTML 8Page - National Semiconductor (TI) LM4546B Datasheet HTML 9Page - National Semiconductor (TI) LM4546B Datasheet HTML 10Page - National Semiconductor (TI) LM4546B Datasheet HTML 11Page - National Semiconductor (TI) LM4546B Datasheet HTML 12Page - National Semiconductor (TI) LM4546B Datasheet HTML 13Page - National Semiconductor (TI) LM4546B Datasheet HTML 14Page - National Semiconductor (TI) LM4546B Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Pin Descriptions (Continued)
ANALOG I/O (Continued)
Name
Pin
I / O
Functional Description
LINE_OUT_L
35
O
Left Stereo Channel Output
This line level output (1 Vrms nominal) is fed from the left channel of the Stereo Mix signal
from MIX2 via the Master Volume register, 02h. The LINE_OUT_L amplitude can be muted
(along with LINE_OUT_R) or adjusted from 0 dB to -46.5 dB in 1.5 dB steps.
LINE_OUT_R
36
O
Right Stereo Channel Output
This line level output (1 Vrms nominal) is fed from the right channel of the Stereo Mix signal
from MIX2 via the Master Volume register, 02h. The LINE_OUT_R amplitude can be muted
(along with LINE_OUT_L) or adjusted from 0 dB to -46.5 dB in 1.5 dB steps.
MONO_OUT
37
O
Mono Output
This mono line level output (1 Vrms nominal) is fed from either a microphone input (MIC1 or
MIC2, after boost amplifier) or from the mono sum of the left and right Stereo Mix 3D
channels from MIX1. The optional National 3D Sound enhancement can be disabled (default)
by the 3D bit (bit D13) in the General Purpose register, 20h. Choice of input is by the MIX bit
(D9) in the same register. MIX=0 selects a microphone input. Output level can be muted or
adjusted from 0 dB to -46.5 dB in 1.5 dB steps via the Mono Volume register, 06h.
DIGITAL I/O AND CLOCKING
Name
Pin
I / O
Functional Description
XTL_IN
2
I
24.576 MHz crystal or oscillator input
To complete the oscillator circuit use a fundamental mode crystal operating in parallel
resonance and connect a 1M
Ω resistor across pins 2 and 3. Choose the load capacitors
(Figure 2, C1, C2) to suit the load capacitance required by the crystal (e.g. C1=C2=33pF
for a 20 pF crystal Assumes that each ’Input + trace’ capacitance = 7 pF).
This pin may also be used as the input for an external oscillator (24.576 MHz nominal) at
standard logic levels (V
IH,VIL).
This pin is only used when the codec is in Primary mode. It may be left open (NC) for any
Secondary mode.
XTL_OUT
3
O
24.576 MHz crystal output
Used with XTAL_IN to configure a crystal oscillator.
When the codec is used with an external oscillator this pin should be left open (NC).
When the codec is configured in a Secondary mode this pin is not used and may be left open
(NC).
SDATA_OUT
5
I
Input to codec
This is the input for AC Link Output Frames from an AC ’97 Digital Audio Controller to the
LM4546B codec. These frames can contain both control data and DAC PCM audio data. This
input is sampled by the LM4546B on the falling edge of BIT_CLK.
BIT_CLK
6
I/O
AC Link clock
An OUTPUT when in Primary Codec mode. This pin provides a 12.288 MHz clock for the AC
Link. The clock is derived (internally divided by two) from the 24.576 MHz signal at the crystal
input (XTL_IN).
This pin is an INPUT when the codec is configured in any of the Secondary Codec modes
and would normally use the AC Link clock generated by a Primary Codec.
SDATA_IN
8
O
Output from codec
This is the output for AC Link Input Frames from the LM4546B codec to an AC ’97 Digital
Audio Controller. These frames can contain both codec status data and PCM audio data from
the ADCs. The LM4546B clocks data from this output on the rising edge of BIT_CLK.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com