Electronic Components Datasheet Search
  English  ▼

X  

LM4546B Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4546B
Description  AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4546B Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4546B Datasheet HTML 1Page - National Semiconductor (TI) LM4546B Datasheet HTML 2Page - National Semiconductor (TI) LM4546B Datasheet HTML 3Page - National Semiconductor (TI) LM4546B Datasheet HTML 4Page - National Semiconductor (TI) LM4546B Datasheet HTML 5Page - National Semiconductor (TI) LM4546B Datasheet HTML 6Page - National Semiconductor (TI) LM4546B Datasheet HTML 7Page - National Semiconductor (TI) LM4546B Datasheet HTML 8Page - National Semiconductor (TI) LM4546B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM4546B
AC ’97 Rev 2 Multi-Channel Audio Codec with Sample
Rate Conversion and National 3D Sound
General Description
The LM4546B is an audio codec for PC systems which is
fully PC99 compliant and performs the analog intensive
functions of the AC ’97 Rev 2.1 architecture. Using 18-bit
Sigma-Delta ADCs and DACs, the LM4546B provides 90 dB
of Dynamic Range.
The LM4546B was designed specifically to provide a high
quality audio path and provide all analog functionality in a PC
audio system. It features full duplex stereo ADCs and DACs
and analog mixers with access to 2 stereo and 2 mono
inputs. Each mixer input has separate gain, attenuation and
mute control and the mixers drive 1 mono and 1 stereo
output, each with attenuation and mute control. The
LM4546B supports National’s 3D Sound stereo enhance-
ment and a comprehensive sample rate conversion capabil-
ity. The sample rate for the ADCs and DACs can be pro-
grammed separately with a resolution of 1 Hz to convert any
rate in the range 4 kHz – 48 kHz. Sample timing from the
ADCs and sample request timing for the DACs are com-
pletely deterministic to ease task scheduling and application
software development. These features together with an ex-
tended temperature range also make the LM4546B suitable
for non-PC codec applications.
The LM4546B features the ability to connect several codecs
together using the Extended AC Link configuration of one
dedicated serial data signal to the Controller per codec.
LM4546B systems support up to 8 simultaneous channels of
streaming data on Input Frames (Codec to Controller) while
Output Frames (Controller to Codec) carry 2 streams to
multiple codecs. The LM4546B may also be used in systems
with the National LM4550 to support up to 6 simultaneous
channels of streaming data on Output Frames.
The AC ’97 architecture separates the analog and digital
functions of the PC audio system allowing both for system
design flexibility and increased performance.
Key Specifications
n
Analog Mixer Dynamic Range
97 dB (typ)
n
DAC Dynamic Range
89 dB (typ)
n
ADC Dynamic Range
90 dB (typ)
Features
n
AC ’97 Rev 2.1 compliant
n
High quality Sample Rate Conversion from 4 kHz to 48
kHz in 1 Hz increments
n
Multiple codec support
n
National’s 3D Sound stereo enhancement circuitry
n
Advanced power management support
n
Digital 3.3V and 5V supply options
n
Extended Temperature: −40˚C
≤ T
A
≤ 85˚C
Applications
n
Desktop PC audio systems on PCI cards, AMR cards, or
with motherboard chips sets featuring AC Link
n
Portable PC systems as on MDC cards, or with a
chipset or accelerator featuring AC Link
n
General and Multi-channel audio frequency systems
n
Automotive telematics
September 2006
© 2006 National Semiconductor Corporation
DS201233
www.national.com


Similar Part No. - LM4546B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4546B TI1-LM4546B Datasheet
1Mb / 37P
LM4546B AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and Texas Instruments 3D Sound
LM4546B TI2-LM4546B Datasheet
716Kb / 40P
LM4546B AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and Texas Instruments 3D Sound
REVISED MAY 2013
LM4546BVH TI1-LM4546BVH Datasheet
1Mb / 37P
LM4546B AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and Texas Instruments 3D Sound
LM4546BVH/NOPB TI1-LM4546BVH/NOPB Datasheet
1Mb / 37P
LM4546B AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and Texas Instruments 3D Sound
LM4546BVH/NOPB TI2-LM4546BVH/NOPB Datasheet
716Kb / 40P
LM4546B AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and Texas Instruments 3D Sound
REVISED MAY 2013
More results

Similar Description - LM4546B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4546 NSC-LM4546 Datasheet
308Kb / 18P
AC ??7 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
LM4548 NSC-LM4548 Datasheet
322Kb / 18P
AC ??7 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
LM4549 NSC-LM4549 Datasheet
324Kb / 18P
AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
LM4550 NSC-LM4550 Datasheet
507Kb / 25P
AC ??7 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
LM4550B NSC-LM4550B Datasheet
998Kb / 31P
AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
LM4549A NSC-LM4549A Datasheet
528Kb / 28P
AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
LM4546 NSC-LM4546_09 Datasheet
1Mb / 18P
AC 97 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
LM4546A NSC-LM4546A Datasheet
1Mb / 28P
AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4549B NSC-LM4549B Datasheet
933Kb / 28P
AC ??7 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4548A NSC-LM4548A Datasheet
534Kb / 28P
AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com