Electronic Components Datasheet Search
  English  ▼

X  

LM49150TL Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM49150TL
Description  Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM49150TL Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM49150TL Datasheet HTML 2Page - National Semiconductor (TI) LM49150TL Datasheet HTML 3Page - National Semiconductor (TI) LM49150TL Datasheet HTML 4Page - National Semiconductor (TI) LM49150TL Datasheet HTML 5Page - National Semiconductor (TI) LM49150TL Datasheet HTML 6Page - National Semiconductor (TI) LM49150TL Datasheet HTML 7Page - National Semiconductor (TI) LM49150TL Datasheet HTML 8Page - National Semiconductor (TI) LM49150TL Datasheet HTML 9Page - National Semiconductor (TI) LM49150TL Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Symbol
Parameter
Conditions
LM49150
Units
(Limits)
Typical
(Note 6)
Limits
(Note 7)
∈
OUT
Output Noise
A-weighted,
inputs terminated to AC GND, Output referred
EP Bypass
11
μV
LS; Mode 1
41
μV
LS; Mode 2
41
μV
LS; Mode 3
43
μV
HP; Mode 4
9
μV
HP; Mode 8
10
μV
HP; Mode 12
12
μV
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVPP; f = 217Hz, RL = 8Ω, CB = 2.2µF,
All audio inputs terminated to AC GND, output referred
EP Bypass
95
dB
Loudspeaker Output; LS Gain = 6dB
LS; Mode 1
72
dB
LS; Mode 2
67
dB
LS; Mode 3
71
dB
Headphone Output, HP Attenuation = 0dB
HP; Mode 4
91
dB
HP; Mode 8
83
dB
HP; Mode 12
81
dB
Volume Control Step Size Error
±0.2
dB
Digital Volume Control Range
Maximum Attenuation
-92
dB
Volume Step 2
-46.5
-49
-44
dB (min)
dB (max)
Maximum Gain
18
17
19
dB (min)
dB (max)
A
M
Mute Attenuation
HP
98
dB
LS
98
dB
Z
IN
Mono Channel Input Impedance
L
IN and RIN Input Impedance
Maximum gain setting
12.9
10
15
k
Ω (min)
k
Ω (max)
Maximum attenuation setting
111
90
130
k
Ω (min)
k
Ω (max)
EP Bypass Resistance
62
50
80
k
Ω (min)
k
Ω (max)
CMRR
Common-Mode Rejection Ratio
f = 217Hz, V
CM = 1VP-P, RL = 8Ω
EP Bypass
55
dB
f = 217Hz, V
CM = 1VP-P, RL = 8Ω
LS, Mode 1
55
dB
f = 217Hz, V
CM = 1VP-P, RL = 32Ω
HP, Mode 4
61
dB
X
TALK
Crosstalk
HP mode 8; P
O = 12mW
R
L = 32Ω, f = 1kHz
78
dB
T
ON
Turn-On Time
C
B = 2.2μF, HP,
Normal Turn-On Mode
27
ms
C
B = 2.2μF, HP,
Fast Turn-On Mode
15
ms
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com