Electronic Components Datasheet Search
  English  ▼

X  

LM49150TL Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM49150TL
Description  Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM49150TL Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM49150TL Datasheet HTML 12Page - National Semiconductor (TI) LM49150TL Datasheet HTML 13Page - National Semiconductor (TI) LM49150TL Datasheet HTML 14Page - National Semiconductor (TI) LM49150TL Datasheet HTML 15Page - National Semiconductor (TI) LM49150TL Datasheet HTML 16Page - National Semiconductor (TI) LM49150TL Datasheet HTML 17Page - National Semiconductor (TI) LM49150TL Datasheet HTML 18Page - National Semiconductor (TI) LM49150TL Datasheet HTML 19Page - National Semiconductor (TI) LM49150TL Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Application Information
I2C COMPATIBLE INTERFACE
The LM49150 is controlled through an I2C compatible serial
interface that consists of a serial data line (SDA) and a serial
clock (SCL). The clock line is uni-directional. The data line is
bi-directional (open drain). The LM49150 and the master can
communicate at clock rates up to 400kHz. Figure 2 shows the
I2C interface timing diagram. Data on the SDA line must be
stable during the HIGH period of SCL. The LM49150 is a
transmit/receive slave-only device, reliant upon the master to
generate the SCL signal. Each transmission sequence is
framed by a START condition and a STOP condition (Figure
3). Each data word, device address and data, transmitted
over the bus is 8 bits long and is always followed by an ac-
knowledge pulse (Figure 4). The LM49150 device address is
11111000.
I2C INTERFACE POWER SUPPLY PIN (I2CV
DD)
The LM49150's I2C interface is powered up through the
I2CV
DD pin. The LM49150's I
2C interface operates at a volt-
age level set by the I2CV
DD pin which can be set independent
to that of the main power supply pin V
DD. This is ideal when-
ever logic levels for the I2C interface are dictated by a micro-
controller or microprocessor that is operating at a lower
supply voltage than the main battery of a portable system.
I2C BUS FORMAT
The I2C bus format is shown in Figure 4. The START signal,
the transition of SDA from HIGH to LOW while SCL is HIGH,
is generated, alerting all devices on the bus that a device ad-
dress is being written to the bus.
The 7-bit device address is written to the bus, most significant
bit (MSB) first, followed by the R/W bit. R/W = 0 indicates the
master is writing to the slave device, R/W = 1 indicates the
master wants to read data from the slave device. Set R/W =
0; the LM49150 is a WRITE-ONLY device and will not re-
spond to the R/W = 1. The data is latched in on the rising edge
of the clock. Each address bit must be stable while SCL is
HIGH. After the last address bit is transmitted, the master de-
vice releases SDA, during which time, an acknowledge clock
pulse is generated by the slave device. If the LM49150 re-
ceives the correct address, the device pulls the SDA line low,
generating an acknowledge bit (ACK).
Once the master device registers the ACK bit, the 8-bit reg-
ister data word is sent. Each data bit should be stable while
SCL is HIGH. After the 8-bit register data word is sent, the
LM49150 sends another ACK bit. Following the acknowl-
edgement of the register data word, the master issues a
STOP bit, allowing SDA to go high while SCL is high.
300446s0
FIGURE 2. I2C Timing Diagram
300446s1
FIGURE 3. Start and Stop Diagram
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com