Electronic Components Datasheet Search
  English  ▼

X  

LM49150TL Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM49150TL
Description  Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM49150TL Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM49150TL Datasheet HTML 1Page - National Semiconductor (TI) LM49150TL Datasheet HTML 2Page - National Semiconductor (TI) LM49150TL Datasheet HTML 3Page - National Semiconductor (TI) LM49150TL Datasheet HTML 4Page - National Semiconductor (TI) LM49150TL Datasheet HTML 5Page - National Semiconductor (TI) LM49150TL Datasheet HTML 6Page - National Semiconductor (TI) LM49150TL Datasheet HTML 7Page - National Semiconductor (TI) LM49150TL Datasheet HTML 8Page - National Semiconductor (TI) LM49150TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LM49150
March 4, 2009
Mono Class D Audio Subsystem with Earpiece Driver and
Stereo Ground Referenced Headphone Amplifiers
General Description
The LM49150 is a fully integrated audio subsystem designed
for portable handheld applications such as cellular phones.
Part of National's Power Wise® product family, the LM49150
consumes very low power in the various modes of operation
and still providing great audio performance. The LM49150
combines a 1.25W mono E2S (Enhanced Emission Suppres-
sion) class D amplifier, 135mW Class AB earpiece amplifier,
42mW/channel stereo ground reference headphone ampli-
fiers, volume control, and mixing circuitry into a single device.
The filterless class D amplifier delivers 1.25W into an 8
Ω load
with <1% THD+N with a 5V supply. The E2S class D amplifier
features a patented, ultra low EMI PWM architecture that sig-
nificantly reduces RF emissions while preserving audio qual-
ity. The 42mW/channel headphone drivers feature National’s
ground referenced architecture that creates a ground-refer-
enced output from a single supply, eliminating the need for
bulky and expensive DC-blocking capacitors, saving space
and minimizing cost.
The LM49150 features a fully differential mono input, and two
single-ended stereo inputs. The three inputs can be mixed/
multiplexed to either the speaker or headphone amplifiers.
Each input channel has an independent, 32-step digital vol-
ume control. The headphone output stage features an addi-
tional, 8-step gain control, while the speaker output stage has
a selectable 6dB or 12dB gain. The mixer, volume control and
device mode select are controlled through an I2C compatible
serial interface.
The LM49150’s superior click and pop suppression elimi-
nates audible transients on power-up/down and during shut-
down. The LM49150 is available in a ultra-small 20-bump
micro SMD package (2.225mm X 2.644mm).
Key Specifications
■ Output power at V
DD = 5V:
 Speaker:
  R
L = 8Ω BTL, THD+N ≤ 1%
1.25W (typ)
 Headphone:
  R
L = 32Ω SE, THD+N ≤ 1%
42mW (typ)
 Earpiece:
  R
L = 8Ω SE, THD+N ≤ 1%
135mW (typ)
■ Output power at V
DD = 3.3V:
 Speaker:
  R
L = 8Ω BTL, THD+N ≤ 1%
520mW (typ)
 Headphone:
  R
L = 32Ω BTL, THD+N ≤ 1%
42mW (typ)
 Earpiece:
  R
L = 8Ω SE, THD+N ≤ 1%
35mW (typ)
■ Output Offset
LS Mode
9mV (typ)
HP Mode
1mV (typ)
Earpiece
1mV (typ)
■ Single Supply Operation (V
DD)
2.7 to 5.5V
■ I2C Single Supply Operation
1.7 to 5.5V
Features
■ E2S class D amplifier
■ Ground referenced headphone outputs — eliminates
output coupling capacitors
■ I2C volume and mode control
■ Mono earpiece amplifier
■ Flexible output for speaker and headphone output
■ 20–bump micro SMD package
■ Soft enable function
■ “Click and Pop” suppression circuitry
■ Thermal shutdown protection
■ Low supply current
■ Micro-power shutdown
Applications
■ Mobile Phones
■ PDAs
■ Portable Electronics
Boomer® is a registered trademark of National Semiconductor Corporation.
© 2009 National Semiconductor Corporation
300446
www.national.com


Similar Part No. - LM49150TL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM49150TL/NOPB TI1-LM49150TL/NOPB Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49150TL/NOPB TI2-LM49150TL/NOPB Datasheet
768Kb / 30P
LM49150 Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
REVISED MAY 2013
LM49150TL/NOPB.A TI2-LM49150TL/NOPB.A Datasheet
768Kb / 30P
LM49150 Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
REVISED MAY 2013
LM49150TLEVAL TI1-LM49150TLEVAL Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49150TLEVAL TI2-LM49150TLEVAL Datasheet
768Kb / 30P
LM49150 Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
REVISED MAY 2013
More results

Similar Description - LM49150TL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM49250 NSC-LM49250 Datasheet
1Mb / 36P
Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
LM49250 NSC-LM49250_08 Datasheet
1Mb / 36P
Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
LM49151 NSC-LM49151 Datasheet
174Kb / 4P
Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
logo
Texas Instruments
LM49352 TI1-LM49352 Datasheet
2Mb / 112P
Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
LM49150 TI1-LM49150_14 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49352 TI1-LM49352_14 Datasheet
1Mb / 104P
Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers Earpiece Driver, and Audio DSP
LM49352 TI-LM49352_15 Datasheet
2Mb / 106P
Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
LM49150 TI1-LM49150 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49151 TI1-LM49151 Datasheet
1Mb / 34P
Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
LM49250 TI1-LM49250 Datasheet
1Mb / 36P
Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com