Electronic Components Datasheet Search
  English  ▼

X  

BAT54CV Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAT54CV
Description  Two Schottky barrier double diodes in ultra small SOT666 package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT54CV Datasheet(HTML) 2 Page - NXP Semiconductors

  BAT54CV Datasheet HTML 1Page - NXP Semiconductors BAT54CV Datasheet HTML 2Page - NXP Semiconductors BAT54CV Datasheet HTML 3Page - NXP Semiconductors BAT54CV Datasheet HTML 4Page - NXP Semiconductors BAT54CV Datasheet HTML 5Page - NXP Semiconductors BAT54CV Datasheet HTML 6Page - NXP Semiconductors BAT54CV Datasheet HTML 7Page - NXP Semiconductors BAT54CV Datasheet HTML 8Page - NXP Semiconductors BAT54CV Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BAT54CV_2
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 02 — 15 January 2010
2 of 9
NXP Semiconductors
BAT54CV
Two Schottky barrier double diodes in ultra small SOT666 package
2.
Pinning information
3.
Ordering information
4.
Marking
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1
anode (diode 1)
2
anode (diode 2)
3
common cathode (diode 3, 4)
4
anode (diode 3)
5
anode (diode 4)
6
common cathode (diode 1, 2)
12
3
4
5
6
1
5
6
23
4
sym057
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BAT54CV
-
plastic surface mounted package; 6 leads
SOT666
Table 4.
Marking codes
Type number
Marking code
BAT54CV
C5
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
continuous reverse voltage
-
30
V
IF
continuous forward current
-
200
mA
IFRM
repetitive peak forward
current
tp ≤ 10 ms;
δ≤ 0.5
-0.85
A
IFSM
non-repetitive peak forward
current
tp = 8.3 ms
-
2
A
Tj
junction temperature
-
125
°C
Tamb
ambient temperature
−65
+125
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com