Electronic Components Datasheet Search
  English  ▼

X  

BAT54CV Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAT54CV
Description  Two Schottky barrier double diodes in ultra small SOT666 package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT54CV Datasheet(HTML) 3 Page - NXP Semiconductors

  BAT54CV Datasheet HTML 1Page - NXP Semiconductors BAT54CV Datasheet HTML 2Page - NXP Semiconductors BAT54CV Datasheet HTML 3Page - NXP Semiconductors BAT54CV Datasheet HTML 4Page - NXP Semiconductors BAT54CV Datasheet HTML 5Page - NXP Semiconductors BAT54CV Datasheet HTML 6Page - NXP Semiconductors BAT54CV Datasheet HTML 7Page - NXP Semiconductors BAT54CV Datasheet HTML 8Page - NXP Semiconductors BAT54CV Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BAT54CV_2
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 02 — 15 January 2010
3 of 9
NXP Semiconductors
BAT54CV
Two Schottky barrier double diodes in ultra small SOT666 package
[1]
Refer to SOT666 standard mounting conditions.
6.
Thermal characteristics
[1]
Refer to SOT666 standard mounting conditions.
[2]
Reflow soldering is the only recommended soldering method.
7.
Characteristics
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -440
mW
Table 5.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1][2] --
225
K/W
Table 7.
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
see Figure 1;
[1]
IF = 0.1 mA
-
-
240
mV
IF = 1 mA
-
-
320
mV
IF = 10 mA
-
-
400
mV
IF = 30 mA
-
-
500
mV
IF = 100 mA
-
-
800
mV
IR
reverse current
VR = 25 V; see Figure 2
--
2
μA
Cd
diode capacitance
VR = 1 V; f = 1 MHz;
see Figure 3
--
10
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com