Electronic Components Datasheet Search
  English  ▼

X  

BAT54CV Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAT54CV
Description  Two Schottky barrier double diodes in ultra small SOT666 package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT54CV Datasheet(HTML) 4 Page - NXP Semiconductors

  BAT54CV Datasheet HTML 1Page - NXP Semiconductors BAT54CV Datasheet HTML 2Page - NXP Semiconductors BAT54CV Datasheet HTML 3Page - NXP Semiconductors BAT54CV Datasheet HTML 4Page - NXP Semiconductors BAT54CV Datasheet HTML 5Page - NXP Semiconductors BAT54CV Datasheet HTML 6Page - NXP Semiconductors BAT54CV Datasheet HTML 7Page - NXP Semiconductors BAT54CV Datasheet HTML 8Page - NXP Semiconductors BAT54CV Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BAT54CV_2
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 02 — 15 January 2010
4 of 9
NXP Semiconductors
BAT54CV
Two Schottky barrier double diodes in ultra small SOT666 package
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
Fig 1.
Forward current as a function of forward
voltage; typical values
Fig 2.
Reverse current as a function of reverse
voltage; typical values
Tamb =25 °C; f = 1 MHz
Fig 3.
Diode capacitance as a function of reverse voltage; typical values
103
102
10−1
IF
(mA)
VF (V)
10
1
1.2
0.8
0.4
0
msa892
(3)
(2)
(1)
(3)
(2)
(1)
010
20
30
VR (V)
103
102
10−1
IR
(
μA)
10
1
(1)
(2)
(3)
msa893
010
20
30
0
5
10
15
VR (V)
Cd
(pF)
msa891



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com