Electronic Components Datasheet Search
  English  ▼

X  

PESD1FLEX Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PESD1FLEX
Description  FlexRay bus ESD protection diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD1FLEX Datasheet(HTML) 4 Page - NXP Semiconductors

  PESD1FLEX Datasheet HTML 1Page - NXP Semiconductors PESD1FLEX Datasheet HTML 2Page - NXP Semiconductors PESD1FLEX Datasheet HTML 3Page - NXP Semiconductors PESD1FLEX Datasheet HTML 4Page - NXP Semiconductors PESD1FLEX Datasheet HTML 5Page - NXP Semiconductors PESD1FLEX Datasheet HTML 6Page - NXP Semiconductors PESD1FLEX Datasheet HTML 7Page - NXP Semiconductors PESD1FLEX Datasheet HTML 8Page - NXP Semiconductors PESD1FLEX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PESD1FLEX_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 15 February 2008
4 of 12
NXP Semiconductors
PESD1FLEX
FlexRay bus ESD protection diode
6.
Characteristics
[1]
∆C
d is the difference of the capacitance measured between pin 1 and pin 3 and the capacitance measured
between pin 2 and pin 3.
[2]
Non-repetitive current pulse 8/20
µs exponential decay waveform according to IEC 61000-4-5.
[3]
Measured from pin 1 to 3 or 2 to 3.
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
-
-
24
V
IRM
reverse leakage current
VRWM =24V
-
< 1
50
nA
VBR
breakdown voltage
IR = 5 mA
25.4
27.8
30.3
V
Cd
diode capacitance
f = 5 MHz; VR = 0 V
-
1117pF
∆Cd/Cd
diode capacitance
matching
[1]
f = 5 MHz; VR =0V
-
0.1
-
%
f = 5 MHz; VR = 2.5 V
-
0.1
-
%
VCL
clamping voltage
[2][3]
IPP = 1 A
--40
V
IPP = 3 A
--70
V
rdif
differential resistance
IR = 1 mA
-
-
300
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com