Electronic Components Datasheet Search
  English  ▼

X  

PESD1FLEX Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PESD1FLEX
Description  FlexRay bus ESD protection diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD1FLEX Datasheet(HTML) 5 Page - NXP Semiconductors

  PESD1FLEX Datasheet HTML 1Page - NXP Semiconductors PESD1FLEX Datasheet HTML 2Page - NXP Semiconductors PESD1FLEX Datasheet HTML 3Page - NXP Semiconductors PESD1FLEX Datasheet HTML 4Page - NXP Semiconductors PESD1FLEX Datasheet HTML 5Page - NXP Semiconductors PESD1FLEX Datasheet HTML 6Page - NXP Semiconductors PESD1FLEX Datasheet HTML 7Page - NXP Semiconductors PESD1FLEX Datasheet HTML 8Page - NXP Semiconductors PESD1FLEX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PESD1FLEX_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 15 February 2008
5 of 12
NXP Semiconductors
PESD1FLEX
FlexRay bus ESD protection diode
Tamb =25 °C
Fig 3.
Peak pulse power as a function of exponential
pulse duration; typical values
Fig 4.
Relative variation of peak pulse power as a
function of junction temperature; typical values
f = 5 MHz; Tamb =25 °C
Fig 5.
Diode capacitance as a function of reverse
voltage; typical values
Fig 6.
V-I characteristics for a bidirectional ESD
protection diode
006aaa257
103
102
104
PPP
(W)
10
tp (µs)
1104
103
10
102
Tj (°C)
0
200
150
50
100
001aaa193
0.4
0.8
1.2
PPP
0
PPP(25°C)
VR (V)
025
20
10
15
5
006aaa258
8
12
4
16
20
Cd
(pF)
0
006aaa676
−VCL −VBR −VRWM
VCL
VBR
VRWM
−IRM
IRM
−IR
IR
−IPP
IPP
−
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com