Electronic Components Datasheet Search
  English  ▼

X  

PESD1FLEX Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PESD1FLEX
Description  FlexRay bus ESD protection diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD1FLEX Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PESD1FLEX Datasheet HTML 2Page - NXP Semiconductors PESD1FLEX Datasheet HTML 3Page - NXP Semiconductors PESD1FLEX Datasheet HTML 4Page - NXP Semiconductors PESD1FLEX Datasheet HTML 5Page - NXP Semiconductors PESD1FLEX Datasheet HTML 6Page - NXP Semiconductors PESD1FLEX Datasheet HTML 7Page - NXP Semiconductors PESD1FLEX Datasheet HTML 8Page - NXP Semiconductors PESD1FLEX Datasheet HTML 9Page - NXP Semiconductors PESD1FLEX Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PESD1FLEX_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 15 February 2008
6 of 12
NXP Semiconductors
PESD1FLEX
FlexRay bus ESD protection diode
Fig 7.
ESD clamping test setup and waveforms
006aaa259
50
Ω
RZ
CZ
D.U.T.
(Device
Under
Test)
vertical scale = 200 V/div
horizontal scale = 50 ns/div
unclamped
+1 kV ESD voltage waveform
(IEC 61000-4-2 network)
clamped
+1 kV ESD voltage waveform
(IEC 61000-4-2 network)
unclamped
−1 kV ESD voltage waveform
(IEC 61000-4-2 network)
clamped
−1 kV ESD voltage waveform
(IEC 61000-4-2 network)
vertical scale = 200 V/div
horizontal scale = 50 ns/div
vertical scale = 20 V/div; horizontal scale = 50 ns/div
vertical scale = 20 V/div; horizontal scale = 50 ns/div
GND
GND
450
Ω
RG 223/U
50
Ω coax
ESD TESTER
IEC 61000-4-2 network
CZ = 150 pF; RZ = 330 Ω
4 GHz DIGITAL
OSCILLOSCOPE
10
×
ATTENUATOR
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com