Electronic Components Datasheet Search
  English  ▼

X  

MAX6909 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6909
Description  I2C-Compatible Real-Time Clocks with uP Supervisor and NV RAM Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6909 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6909 Datasheet HTML 9Page - Maxim Integrated Products MAX6909 Datasheet HTML 10Page - Maxim Integrated Products MAX6909 Datasheet HTML 11Page - Maxim Integrated Products MAX6909 Datasheet HTML 12Page - Maxim Integrated Products MAX6909 Datasheet HTML 13Page - Maxim Integrated Products MAX6909 Datasheet HTML 14Page - Maxim Integrated Products MAX6909 Datasheet HTML 15Page - Maxim Integrated Products MAX6909 Datasheet HTML 16Page - Maxim Integrated Products MAX6909 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
After 1 month that translates to:
Total worst-case timekeeping error at the end of 1
month at +45°C is approximately 120s or 2min
(assumes negligible parasitic layout capacitance).
Figure 5 shows the register address definition. Table 3
is the hex register address/description.
Control Register (Write Protect Bit)
Bit 7 of the control register is the write protect bit. The
lower 7 bits (bits 0–6) are forced to zero and always read
a zero when read. Before any write operation to the clock
or RAM, bit 7 must be zero. When high, the write protect
bit prevents a write operation to any other register.
Hours Register (AM-PM/12-24 Mode)
Bit 7 of the hours register is defined as the 12-hour or
24-hour mode select bit. When high, the 12-hour mode
is selected. In the 12-hour mode, bit 5 is the AM/PM bit
with logic high being PM. In the 24-hour mode, bit 5 is
the second 10-hour bit (20h–23h).
Clock Burst
Addressing the clock burst register specifies burst
mode operation. In this mode, the first seven clock/cal-
endar registers and the control register can be consec-
utively read or written starting with bit 7 of address BEh
for a write and BFh for a read. If the write protect bit is
set high when a write clock/calendar burst mode is
specified, no data transfer occurs to any of the seven
clock/calendar registers or the control register. When
writing to the clock registers in the burst mode, all eight
registers must be written in order for the data to be
transferred. In addition, the WP bit in the control regis-
ter must be set to zero prior to a clock burst write.
RAM
The static RAM is 31 bytes addressed consecutively in
the RAM address space. Even address/commands
(C0h–FCh) are used for writes, and odd address/com-
mands (C1h–FDh) are used for reads. The contents of
the RAM are static and remain valid for VOUT down to
1.5V (typ).
RAM Burst
Addressing the RAM burst register specifies burst
mode operation. In this mode, the 31 RAM registers
can be consecutively read or written starting with bit 7
of address FEh for a write and FFh for a read. When
writing to RAM in burst mode, it is not necessary to
write all 31 bytes for the data to transfer. Each byte that
is written to is transferred to RAM regardless of whether
all 31 bytes are written.
Trickle Charge Register (MAX6910)
The trickle charge register controls the trickle charger
characteristics of the MAX6910. The trickle charger
functional schematic (Figure 6) shows the basic compo-
nents of the trickle charger. Table 4 details the bit set-
tings for trickle charger control. Trickle charge selection
(TCS) bits D7–D4 control the selection of the trickle
charger. In order to prevent accidental enabling, only a
pattern of 1010 enables the trickle charger. All other
patterns disable the trickle charger. The MAX6910 pow-
ers up with the trickle charger disabled. The diode
select (DS) bits (D3–D2) select whether two diodes or
no diodes are connected between VCC and BATT. If DS
is 10, no diode is selected; if DS is 01, two diodes are
selected. If DS is 00 or 11, the trickle charger is dis-
abled independent of the state of the TCS bits. The RS
bits (D1–D0) select the resistor that is connected
between VCC and BATT. If both RS bits are set to zero,
the trickle charger is disabled, regardless of any other
bit states in the trickle charger register. RS bits set to 10
select a 1.7K, 01 selects 2.9K, and 11 select 5K.
∆ =×
 ×
 ×
 ×
() =
t
day
hr
day
hr
s
ss
s
()
min
min
./
.
31
24
60
60
0 000045
120 158
I2C-Compatible Real-Time Clocks with µP
Supervisor and NV RAM Controller
______________________________________________________________________________________
13
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Frequency
f
32.768
kHz
Equivalent series resistance (ESR)
RS
60
k
Ω
Parallel load capacitance
CL
6pF
Q factor
Q
40,000
Table 2. Acceptable Quartz Crystal Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com